Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V436616R24V Datasheet (PDF) - Mosel Vitelic, Corp

V436616R24V Datasheet PDF - Mosel Vitelic, Corp
Part # V436616R24V
Download  V436616R24V Download
File Size   296.33 Kbytes
Page   12 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 128 MB 168-PIN UNBUFFERED DIMM 3.3 VOLT 16M x 64

V436616R24V Datasheet (PDF)

Go To PDF Page Download Datasheet
V436616R24V Datasheet PDF - Mosel Vitelic, Corp

Part # V436616R24V
Download  V436616R24V Click to download

File Size   296.33 Kbytes
Page   12 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 128 MB 168-PIN UNBUFFERED DIMM 3.3 VOLT 16M x 64

V436616R24V Datasheet (HTML) - Mosel Vitelic, Corp


V436616R24V Product details

Description
The V436616R24V(L) memory module is organized 16, 777, 216 x 64 bits in a 168 pin dual in line memory module (DIMM). The 16M x 64 memory module uses 4 Mosel-Vitelic 16M x 16 SDRAM. The x64 modules are ideal for use in high performance computer systems where increased memory density and fast access times are required.

Features
■ 168 Pin Unbuffered 16, 777, 216 x 64 bit Oganization SDRAM DIMM
■ Utilizes High Performance 256 Mbit, 16M x 16 SDRAM in TSOPII-54 Packages
■ Fully PC Board Layout Compatible to INTEL’S Rev 1.0 Module Specification
■ Single +3.3V (± 0.3V) Power Supply
■ Programmable CAS Latency, Burst Length, and Wrap Sequence (Sequential & Interleave)
■ Auto Refresh (CBR) and Self Refresh
■ All Inputs, Outputs are LVTTL Compatible
■ 8192 Refresh Cycles every 64 ms
■ Serial Present Detect (SPD)
■ SDRAM Performance
■ Supported Latencies at 133 MHz Operation for Module




Similar Part No. - V436616R24V

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436616R24VATG-10PCL MOSEL-V436616R24VATG-10PCL Datasheet
314Kb / 12P
128 MB 168-PIN UNBUFFERED DIMM 3.3 VOLT 16M x 64 LOW PROFILE
V436616R24VATG-75L MOSEL-V436616R24VATG-75L Datasheet
314Kb / 12P
128 MB 168-PIN UNBUFFERED DIMM 3.3 VOLT 16M x 64 LOW PROFILE
V436616R24VL MOSEL-V436616R24VL Datasheet
314Kb / 12P
128 MB 168-PIN UNBUFFERED DIMM 3.3 VOLT 16M x 64 LOW PROFILE
More results


Similar Description - V436616R24V

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436416S04V MOSEL-V436416S04V Datasheet
65Kb / 11P
3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V436516R04VL MOSEL-V436516R04VL Datasheet
381Kb / 12P
3.3 VOLT 16M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
V436516Z04VATG-10PC MOSEL-V436516Z04VATG-10PC Datasheet
72Kb / 11P
3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SODIMM
V436516Z04VTG-75 MOSEL-V436516Z04VTG-75 Datasheet
152Kb / 11P
3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
V43658Y04VATG-75 MOSEL-V43658Y04VATG-75 Datasheet
258Kb / 11P
64MB 168-PIN 133 MHZ SDRAM UNBUFFERED SODIMM 3.3 VOLT, 8M x 64
V436616R24VL MOSEL-V436616R24VL Datasheet
314Kb / 12P
128 MB 168-PIN UNBUFFERED DIMM 3.3 VOLT 16M x 64 LOW PROFILE
V436616Y24V MOSEL-V436616Y24V Datasheet
327Kb / 12P
3.3 VOLT 16M x 64 HIGH PERFORMANCE SDRAM UNBUFFERED SODIMM
V826516B04S MOSEL-V826516B04S Datasheet
285Kb / 14P
128 MB 200-PIN DDR UNBUFFERED SODIMM 2.5 VOLT 16M x 64
V826516G04S MOSEL-V826516G04S Datasheet
275Kb / 14P
128 MB 200-PIN DDR UNBUFFERED SODIMM 2.5 VOLT 16M x 64
logo
Infineon Technologies A...
HYS64V16302GU INFINEON-HYS64V16302GU Datasheet
223Kb / 13P
3.3 V 16M 횞 64-Bit, 128MByte SDRAM Module 168-pin Unbuffered DIMM Modules
2001.09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com