Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW6423 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW6423 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW6423
Download  FMSW6423 Download
File Size   809.25 Kbytes
Page   6 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description FMSW6423 DATA SHEET SP4T Normally Open Electro-Mechanical Relay Switch DC to 26.5 GHz , TTL, 90W, 12V, 2M Lifecylces, Suppression Diodes, Indicators, SMA

FMSW6423 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW6423 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW6423
Download  FMSW6423 Click to download

File Size   809.25 Kbytes
Page   6 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description FMSW6423 DATA SHEET SP4T Normally Open Electro-Mechanical Relay Switch DC to 26.5 GHz , TTL, 90W, 12V, 2M Lifecylces, Suppression Diodes, Indicators, SMA

FMSW6423 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW6423 Product details

Features
• where the selected position remains active with constant voltage, all positions
Features
• suppression diodes which limit voltage spikes or reverse current, and Indicators
• to monitor the switch position. Impressive typical performance includes 0.4 dB
• insertion loss and isolation greater than 80 dB. This switch requires +12Vdc
• bias voltage and operates over a temperature range of -25°C to +70°C. The
• rugged and compact package assembly supports SMA female connectors and
• a 15 pin D-Sub Connector for all command control functions. And for highly
• reliable operation, the model is guaranteed to meet MIL-STD-202 environmental
• test conditions for shock and random vibration.
Features
• Single Pole Four Throw
• Electromechanical Relay Switch
• DC to 26.5 GHz
• Frequency Range
• Normally Open Actuator
• TTL Logic Control
• Suppression Diodes
• Indicators
• 2M Lifecycle Rating
• Insertion Loss 0.4 dB typ
• Isolation > 80 dB typ
• VSWR 1.4:1 typ
• 15 Pin D-Sub Connector for
• Command Control Functions
• +12 Volt DC Bias
• SMA Female Connectors
• -25°C to +70°C Operating
• Temperature
• Up to 90 Watt Average
• Power Handling
• 50 Ohm Design
• Hot Switching Capability
• - Consult Factory
• S-Parameter Data
• available upon request
• Rugged Design meets Mil-
• STD-202 Test Conditions
• Applications:
• Aerospace & Defense
• Test & Measurement
• Microwave Radio Systems
• Military & Commercial
• Communication Systems
• Research & Development
• SATCOM
• Wireless Communications
• Enterprise
• IoT




Similar Part No. - FMSW6423

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW6420 FAIRVIEW-FMSW6420 Datasheet
665Kb / 4P
SPDT Failsafe Electro-Mechanical Relay Switch DC to 26.5 GHz , 90W, 12V, SMA
REV 1.0A
FMSW6421 FAIRVIEW-FMSW6421 Datasheet
661Kb / 4P
SPDT Failsafe Electro-Mechanical Relay Switch DC to 26.5 GHz , Up To 90W, 28V, 2M Lifecycles, SMA
REV 1.0A
FMSW6422 FAIRVIEW-FMSW6422 Datasheet
661Kb / 4P
SPDT Failsafe Electro-Mechanical Relay Switch DC to 26.5 GHz , TTL, 90W, 28V, 2M Lifecycles, Suppression Diodes, Indicators, SMA
REV 1.0A
FMSW6424 FAIRVIEW-FMSW6424 Datasheet
807Kb / 6P
SP4T Normally Open Electro-Mechanical Relay Switch DC to 26.5 GHz , TTL, 90W, 28V, 2M Lifecycles, Suppression Diodes, Indicators, SMA
REV 1.0A
FMSW6425 FAIRVIEW-FMSW6425 Datasheet
795Kb / 6P
SPDT Latching Self Cut-Off Electro-Mechanical Relay Switch DC to 12 GHz , TTL, Up To 600W, 5M Lifecycles, Suppression Diodes, 28V, N
REV 1.0B
More results


Similar Description - FMSW6423

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7158 PASTERNACK-PE7158 Datasheet
299Kb / 1P
SMA SP4T RELAY SWITCH, FAILSAFE & NORMALLY OPEN
PE71S6301 PASTERNACK-PE71S6301 Datasheet
460Kb / 6P
SP4T Electromechanical Relay Normally Open Switch DC to 22 GHz, SMA, 20 Watts, 12V Control
PE71S6302 PASTERNACK-PE71S6302 Datasheet
466Kb / 6P
SP4T Electromechanical Relay Normally Open Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators
PE71S6303 PASTERNACK-PE71S6303 Datasheet
482Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Indicators, TTL
PE71S6304 PASTERNACK-PE71S6304 Datasheet
482Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL
PE71S6307 PASTERNACK-PE71S6307 Datasheet
495Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Indicators, TTL, Self Cut Off
PE71S6308 PASTERNACK-PE71S6308 Datasheet
482Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL, Self Cut Off
PE71S6311 PASTERNACK-PE71S6311 Datasheet
483Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Indicators, TTL
PE71S6193 PASTERNACK-PE71S6193 Datasheet
436Kb / 4P
SP4T Electromechanical Relay Switch DC to 10 GHz, N, 50 Watts, 28V Control with Indicators, Normally Open, TTL
PE71S6196 PASTERNACK-PE71S6196 Datasheet
518Kb / 6P
SP6T Electromechanical Relay Switch DC to 10 GHz, N,160 Watts, 12V Control with Indicators, Normally Open, TTL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com