Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83-17548 Datasheet (PDF) - Pro-Signal

83-17548 Datasheet PDF - Pro-Signal
Part # 83-17548
Download  83-17548 Download
File Size   472.59 Kbytes
Page   2 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Quad LCD VESA Desk Mount

83-17548 Datasheet (PDF)

Go To PDF Page Download Datasheet
83-17548 Datasheet PDF - Pro-Signal

Part # 83-17548
Download  83-17548 Click to download

File Size   472.59 Kbytes
Page   2 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Quad LCD VESA Desk Mount

83-17548 Datasheet (HTML) - Pro-Signal


83-17548 Product details

Description
The 83-17548 allows you to clear out your desk surface, while providing an ergonomic working position. It is designed to use with 13″ – 27″ monitors. The weight capability is 8kg/17.6Ibs for each arm. Full motion structure allows maximum flexibility - extends, tilt and swivel your monitor up to 90° left and right for easy viewing. Its ball-joint structure allows smooth, effortless rotating and positioning for any direction, making it easy to reduce glare and find the perfect viewing angle. You can also adjust the monitor vertically to a desired position. Besides, cable clip is included for organizing cables.

Features
•
Two mounting options both desk clamp and grommet are included
•
360° Rotary VESA plate for more viewing experience
•
Freely adjusting height for an optimal ergonomic position
•
Cable management keeps everything organized

Description
Quad LCD VESA Desk Mount, 13″-27″ LCD Monitors, Steel




Similar Part No. - 83-17548

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
83-17544 PROSIGNAL-83-17544 Datasheet
241Kb / 1P
Desk Mounted LCD Mount with Keyboard Tray
V1.0 13/09/21
83-17544. PROSIGNAL-83-17544. Datasheet
241Kb / 1P
Desk Mounted LCD Mount with Keyboard Tray
V1.0 13/09/21
More results


Similar Description - 83-17548

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
DSB-500-860 AXIOMTEK-DSB-500-860 Datasheet
267Kb / 1P
Supports wall mount and VESA mount
DSB-500-870HM AXIOMTEK-DSB-500-870HM Datasheet
273Kb / 1P
Supports wall mount and VESA mount
GOT615-801 AXIOMTEK-GOT615-801 Datasheet
333Kb / 2P
Supports VESA mount
GOT808-801 AXIOMTEK-GOT808-801 Datasheet
334Kb / 2P
Supports VESA mount
GOT812 AXIOMTEK-GOT812 Datasheet
300Kb / 2P
Supports suspension and VESA mount
logo
Tripp Lite. All Rights ...
DDR1026MQ TRIPPLITE-DDR1026MQ Datasheet
514Kb / 2P
Quad Desk Mount for 10" to 26" Flat-Screen Displays
logo
Axiomtek Co., Ltd.
DSB500-860 AXIOMTEK-DSB500-860 Datasheet
292Kb / 1P
Supports wall mount and VESA mount
DSB500-870HM AXIOMTEK-DSB500-870HM Datasheet
336Kb / 1P
Supports wall mount and VESA mount
DSB500-871HM AXIOMTEK-DSB500-871HM Datasheet
285Kb / 1P
Supports wall mount and VESA mount
P6157W AXIOMTEK-P6157W Datasheet
282Kb / 2P
Supports panel mount, wall mount, VESA mount
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com