Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW6097 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW6097 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW6097
Download  FMSW6097 Download
File Size   705.23 Kbytes
Page   6 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SPDT Failsafe Electro-Mechanical Relay Switch From DC to 26.5 GHz, 20 Watts with TTL, Diodes, Indicators, SMA

FMSW6097 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW6097 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW6097
Download  FMSW6097 Click to download

File Size   705.23 Kbytes
Page   6 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SPDT Failsafe Electro-Mechanical Relay Switch From DC to 26.5 GHz, 20 Watts with TTL, Diodes, Indicators, SMA

FMSW6097 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW6097 Product details

Features
• Single Pole Double
• Throw Relay Switch
• DC to 26.5 GHz
• Frequency Range
• 1M Cycle Operating Life Min
• Failsafe Actuator
• TTL Logic Driver, Position
• Indicators, Suppression Diodes
• Insertion Loss 0.5 dB max
• Isolation 50 dB min
• 20 Watts Avg Power Max
• Switching Sequence
• Break Before Make
• Applications:
• Test & Measurement
• Communications System
• Instrumentation




Similar Part No. - FMSW6097

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW6095 FAIRVIEW-FMSW6095 Datasheet
695Kb / 6P
SPDT Failsafe Electro-Mechanical Relay Switch From DC to 26.5 GHz, 20 Watts, SMA
REV 1.2
FMSW6096 FAIRVIEW-FMSW6096 Datasheet
675Kb / 6P
SPDT Failsafe Electro-Mechanical Relay Switch From DC to 26.5 GHz, 20 Watts with TTL, Diodes, Indicators, SMA
REV 1.2
FMSW6098 FAIRVIEW-FMSW6098 Datasheet
707Kb / 6P
SPDT Latching Electro-Mechanical Relay Switch From DC to 26.5 GHz, 20 Watts with Self Cut Off, Diodes, SMA
REV 1.2
More results


Similar Description - FMSW6097

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7141 PASTERNACK-PE7141 Datasheet
250Kb / 1P
SMA SPDT RELAY SWITCH FAILSAFE
PE7142 PASTERNACK-PE7142 Datasheet
120Kb / 1P
SMA SPDT RELAY SWITCH FAILSAFE
PE71S6090 PASTERNACK-PE71S6090 Datasheet
458Kb / 6P
SPDT Electromechanical Relay Switch DC to 3 GHz, SMT, 400 Watts, 24V Control with Failsafe
PE71S6303 PASTERNACK-PE71S6303 Datasheet
482Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Indicators, TTL
PE71S6304 PASTERNACK-PE71S6304 Datasheet
482Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL
PE71S6307 PASTERNACK-PE71S6307 Datasheet
495Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Indicators, TTL, Self Cut Off
PE71S6308 PASTERNACK-PE71S6308 Datasheet
482Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL, Self Cut Off
PE71S6311 PASTERNACK-PE71S6311 Datasheet
483Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Indicators, TTL
PE71S6312 PASTERNACK-PE71S6312 Datasheet
505Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL
PE71S6121 PASTERNACK-PE71S6121 Datasheet
457Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz,2.92mm, 10 Watts, 28V Control with Indicators, Failsafe, TTL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com