Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW6111 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW6111 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW6111
Download  FMSW6111 Download
File Size   761.86 Kbytes
Page   6 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Transfer Failsafe Electro-Mechanical Relay Switch From DC to 26.5 GHz, 20 Watts, SMA

FMSW6111 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW6111 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW6111
Download  FMSW6111 Click to download

File Size   761.86 Kbytes
Page   6 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Transfer Failsafe Electro-Mechanical Relay Switch From DC to 26.5 GHz, 20 Watts, SMA

FMSW6111 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW6111 Product details

Features
• Transfer Relay Switch
• DC to 26.5 GHz
• Frequency Range
• 1M Cycle Operating Life Min
• Failsafe Actuator
• Insertion Loss 0.5 dB max
• Isolation 60 dB min
• 20 Watts Avg Power Max
• Switching Sequence
• Break Before Make
• Applications:
• Test & Measurement
• Communications System
• Instrumentation




Similar Part No. - FMSW6111

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW6110 FAIRVIEW-FMSW6110 Datasheet
747Kb / 6P
Transfer Failsafe Electro-Mechanical Relay Switch From DC to 26.5 GHz, 20 Watts, SMA
REV 1.2
FMSW6113 FAIRVIEW-FMSW6113 Datasheet
778Kb / 6P
Transfer Failsafe Electro-Mechanical Relay Switch From DC to 26.5 GHz, 20 Watts with Indicators, TTL, Diodes, SMA
REV 1.1
FMSW6118 FAIRVIEW-FMSW6118 Datasheet
724Kb / 6P
Transfer Failsafe Electro-Mechanical Relay Switch From DC to 40 GHz, 5 Watts, 2.92mm
REV 1.1
More results


Similar Description - FMSW6111

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7150 PASTERNACK-PE7150 Datasheet
88Kb / 1P
SMA TRANSFER RELAY SWITCH FAILSAFE
PE71S6118 PASTERNACK-PE71S6118 Datasheet
447Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6120 PASTERNACK-PE71S6120 Datasheet
457Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6124 PASTERNACK-PE71S6124 Datasheet
453Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6168 PASTERNACK-PE71S6168 Datasheet
453Kb / 6P
Transfer Electromechanical Relay Switch DC to 12.4 GHz
PE71S6309 PASTERNACK-PE71S6309 Datasheet
459Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control
PE71S6310 PASTERNACK-PE71S6310 Datasheet
458Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control
PE71S6121 PASTERNACK-PE71S6121 Datasheet
457Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz,2.92mm, 10 Watts, 28V Control with Indicators, Failsafe, TTL
PE7150 PASTERNACK-PE7150_15 Datasheet
452Kb / 6P
Transfer Electromechanical Relay Failsafe Switch
PE7153 PASTERNACK-PE7153_15 Datasheet
475Kb / 6P
Transfer Electromechanical Relay Failsafe Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com