Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW6128 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW6128 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW6128
Download  FMSW6128 Download
File Size   775.91 Kbytes
Page   6 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SP4T Normally Open Electro-Mechanical Relay Switch From DC to 22 GHz, 20 Watts with Indicators, TTL, Diodes, SMA

FMSW6128 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW6128 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW6128
Download  FMSW6128 Click to download

File Size   775.91 Kbytes
Page   6 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SP4T Normally Open Electro-Mechanical Relay Switch From DC to 22 GHz, 20 Watts with Indicators, TTL, Diodes, SMA

FMSW6128 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW6128 Product details

Features
• Single Pole Four Throw
• Relay Switch
• DC to 22 GHz Frequency Range
• 1M Cycle Operating Life Min
• Normally Open Actuator
• TTL Logic Driver, Position
• Indicators, Suppression Diodes
• Insertion Loss 0.6 dB max
• Isolation 60 dB min
• 20 Watts Avg Power Max
• Switching Sequence
• Break Before Make
• Applications:
• Test & Measurement
• Communications System
• Instrumentation




Similar Part No. - FMSW6128

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW6120 FAIRVIEW-FMSW6120 Datasheet
751Kb / 6P
Transfer Failsafe Electro-Mechanical Relay Switch From DC to 40 GHz, 5 Watts with Indicators, TTL, Diodes, 2.92mm
REV 1.1
FMSW6126 FAIRVIEW-FMSW6126 Datasheet
748Kb / 6P
FMSW6126 DATA SHEET SP4T Normally Open Electro-Mechanical Relay Switch From DC to 22 GHz, 20 Watts, SMA
REV 1.1
FMSW6129 FAIRVIEW-FMSW6129 Datasheet
769Kb / 6P
FMSW6129 DATA SHEET SP4T Normally Open Electro-Mechanical Relay Switch From DC to 22 GHz, 20 Watts with Indicators, TTL, Diodes, SMA
REV 1.2
More results


Similar Description - FMSW6128

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6301 PASTERNACK-PE71S6301 Datasheet
460Kb / 6P
SP4T Electromechanical Relay Normally Open Switch DC to 22 GHz, SMA, 20 Watts, 12V Control
PE71S6302 PASTERNACK-PE71S6302 Datasheet
466Kb / 6P
SP4T Electromechanical Relay Normally Open Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators
PE71S6303 PASTERNACK-PE71S6303 Datasheet
482Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Indicators, TTL
PE71S6304 PASTERNACK-PE71S6304 Datasheet
482Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL
PE71S6307 PASTERNACK-PE71S6307 Datasheet
495Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Indicators, TTL, Self Cut Off
PE71S6308 PASTERNACK-PE71S6308 Datasheet
482Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL, Self Cut Off
PE71S6311 PASTERNACK-PE71S6311 Datasheet
483Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Indicators, TTL
PE71S6312 PASTERNACK-PE71S6312 Datasheet
505Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL
PE71S6193 PASTERNACK-PE71S6193 Datasheet
436Kb / 4P
SP4T Electromechanical Relay Switch DC to 10 GHz, N, 50 Watts, 28V Control with Indicators, Normally Open, TTL
PE71S6196 PASTERNACK-PE71S6196 Datasheet
518Kb / 6P
SP6T Electromechanical Relay Switch DC to 10 GHz, N,160 Watts, 12V Control with Indicators, Normally Open, TTL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com