Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW6307 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW6307 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW6307
Download  FMSW6307 Download
File Size   912.14 Kbytes
Page   6 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SP4T Latching Electro-Mechanical Relay Switch From DC to 22 GHz, 20 Watts with Indicators, TTL, Self Cut Off, Diodes, SMA

FMSW6307 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW6307 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW6307
Download  FMSW6307 Click to download

File Size   912.14 Kbytes
Page   6 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SP4T Latching Electro-Mechanical Relay Switch From DC to 22 GHz, 20 Watts with Indicators, TTL, Self Cut Off, Diodes, SMA

FMSW6307 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW6307 Product details

Features
• Single Pole Four Throw
• Terminated Relay Switch
• DC to 22 GHz Frequency Range
• 1M Cycle Operating Life Min
• Latching Actuator
• Self Cut Off, TTL Logic
• Driver, Position Indicators,
• Suppression Diodes
• Insertion Loss 0.6 dB max
• Isolation 60 dB min
• 20 Watts Avg Power Max
• Switching Sequence
• Break Before Make
• Applications:
• Test & Measurement
• Communications System
• Instrumentation




Similar Part No. - FMSW6307

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW6302 FAIRVIEW-FMSW6302 Datasheet
738Kb / 6P
FMSW6302 DATA SHEET SP4T Electro-Mechanical Relay Switch From DC to 22 GHz, 20 Watts with Indicators, SMA
REV 1.0
FMSW6303 FAIRVIEW-FMSW6303 Datasheet
761Kb / 6P
SP4T Electro-Mechanical Relay Switch From DC to 22 GHz, 20 Watts with Indicators, TTL, SMA
REV 1.0
FMSW6305 FAIRVIEW-FMSW6305 Datasheet
899Kb / 6P
SP4T Latching Electro-Mechanical Relay Switch From DC to 22 GHz, 20 Watts with Self Cut Off, Diodes, SMA
REV 1.1
FMSW6308 FAIRVIEW-FMSW6308 Datasheet
762Kb / 6P
SP4T Latching Electro-Mechanical Relay Switch From DC to 22 GHz, 20 Watts with Indicators, TTL, Self Cut Off, Diodes, SMA
REV 1.0
More results


Similar Description - FMSW6307

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7143 PASTERNACK-PE7143 Datasheet
283Kb / 1P
SMA SPDT RELAY SWITCH INDICATORS LATCHING & SELF CUT OFF
PE7151 PASTERNACK-PE7151 Datasheet
306Kb / 1P
SMA TRANSFER RELAY SWITCH, INDICATORS, LATCHING & SELF CUT OFF
PE71S6314 PASTERNACK-PE71S6314 Datasheet
485Kb / 6P
SP6T Electromechanical Relay Latching Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Self Cut Off
PE71S6303 PASTERNACK-PE71S6303 Datasheet
482Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Indicators, TTL
PE71S6304 PASTERNACK-PE71S6304 Datasheet
482Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL
PE71S6305 PASTERNACK-PE71S6305 Datasheet
467Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Self Cut Off
PE71S6306 PASTERNACK-PE71S6306 Datasheet
467Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Self Cut Off
PE71S6307 PASTERNACK-PE71S6307 Datasheet
495Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Indicators, TTL, Self Cut Off
PE71S6308 PASTERNACK-PE71S6308 Datasheet
482Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL, Self Cut Off
PE71S6313 PASTERNACK-PE71S6313 Datasheet
483Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz,SMA, 20 Watts, 12V Control with Self Cut Off
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com