Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW6311 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW6311 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW6311
Download  FMSW6311 Download
File Size   955.52 Kbytes
Page   6 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SP6T Normally Open Electro-Mechanical Relay Switch From DC to 22 GHz, 20 Watts with Indicators, TTL, Diodes, SMA

FMSW6311 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW6311 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW6311
Download  FMSW6311 Click to download

File Size   955.52 Kbytes
Page   6 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SP6T Normally Open Electro-Mechanical Relay Switch From DC to 22 GHz, 20 Watts with Indicators, TTL, Diodes, SMA

FMSW6311 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW6311 Product details

Features
• Single Pole Six Throw
• Terminated Relay Switch
• DC to 22 GHz Frequency Range
• 1M Cycle Operating Life Min
• Normally Open Actuator
• TTL Logic Driver, Position
• Indicators, Suppression Diodes
• Insertion Loss 0.6 dB max
• Isolation 60 dB min
• 20 Watts Avg Power Max
• Switching Sequence
• Break Before Make
• Applications:
• Test & Measurement
• Communications System
• Instrumentation




Similar Part No. - FMSW6311

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW6312 FAIRVIEW-FMSW6312 Datasheet
797Kb / 6P
SP6T Normally Open Electro-Mechanical Relay Switch From DC to 22 GHz, 20 Watts with Indicators, TTL, Diodes, SMA
REV 1.0
FMSW6313 FAIRVIEW-FMSW6313 Datasheet
959Kb / 6P
SP6T Latching Electro-Mechanical Relay Switch From DC to 22 GHz, 20 Watts with Self Cut Off, Diodes, SMA
REV 1.1
FMSW6317 FAIRVIEW-FMSW6317 Datasheet
800Kb / 6P
SP4T Latching Electro-Mechanical Relay Switch From DC to 40 GHz, 3 Watts with Self Cut Off, Diodes, Reset, 2.92mm
REV 1.1
More results


Similar Description - FMSW6311

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7159 PASTERNACK-PE7159 Datasheet
325Kb / 1P
SMA SP6T RELAY SWITCH, FAILSAFE & NORMALLY OPEN
PE71S6301 PASTERNACK-PE71S6301 Datasheet
460Kb / 6P
SP4T Electromechanical Relay Normally Open Switch DC to 22 GHz, SMA, 20 Watts, 12V Control
PE71S6302 PASTERNACK-PE71S6302 Datasheet
466Kb / 6P
SP4T Electromechanical Relay Normally Open Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators
PE71S6303 PASTERNACK-PE71S6303 Datasheet
482Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Indicators, TTL
PE71S6304 PASTERNACK-PE71S6304 Datasheet
482Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL
PE71S6309 PASTERNACK-PE71S6309 Datasheet
459Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control
PE71S6310 PASTERNACK-PE71S6310 Datasheet
458Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control
PE71S6311 PASTERNACK-PE71S6311 Datasheet
483Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Indicators, TTL
PE71S6312 PASTERNACK-PE71S6312 Datasheet
505Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL
PE71S6196 PASTERNACK-PE71S6196 Datasheet
518Kb / 6P
SP6T Electromechanical Relay Switch DC to 10 GHz, N,160 Watts, 12V Control with Indicators, Normally Open, TTL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com