Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW6328 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW6328 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW6328
Download  FMSW6328 Download
File Size   721.53 Kbytes
Page   6 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SPDT Failsafe Electro-Mechanical Relay Switch From DC to 26.5 GHz, 20 Watts, SMA

FMSW6328 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW6328 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW6328
Download  FMSW6328 Click to download

File Size   721.53 Kbytes
Page   6 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SPDT Failsafe Electro-Mechanical Relay Switch From DC to 26.5 GHz, 20 Watts, SMA

FMSW6328 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW6328 Product details

Features
• Actuator and is rated for 1M Life Cycles. Insertion Loss is specified from 0.5 dB
• max and Isolation from 50 dB min, with +24 Vdc operating voltage. Performance
• is guaranteed over -55°C to +85°C. The package interface uses solder terminals
• and SMA female connectors.
Features
• Single Pole Double Throw
• (SPDT) Relay Switch
• DC to 26.5 GHz
• Frequency Range
• 1M Cycle Operating Life Min
• Failsafe Actuator
• Insertion Loss 0.5 dB max
• Isolation 50 dB min
• 20 Watts Avg Power Max
• Switching Sequence
• Break Before Make
• Applications:
• Test & Measurement
• Military Communication
• Commercial Communication
• Wireless Communications
• SATCOM
• Military Electronic Systems
• RF Test Stations




Similar Part No. - FMSW6328

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW6321 FAIRVIEW-FMSW6321 Datasheet
796Kb / 5P
FMSW6321 DATA SHEET SP6T Latching DC to 40 GHz Terminated Electro-Mechanical Relay Switch, Self Cut Off, Indicators, Reset, 3W, 12V, 2.92mm
REV 1.1
FMSW6323 FAIRVIEW-FMSW6323 Datasheet
791Kb / 5P
FMSW6323 DATA SHEET SP6T Latching DC to 40 GHz Terminated Electro-Mechanical Relay Switch, Self Cut Off, TTL, Indicators, Reset, 3W, 12V, 2.92mm
REV 1.1
FMSW6326 FAIRVIEW-FMSW6326 Datasheet
711Kb / 6P
SPDT Failsafe Electro-Mechanical Relay Switch From DC to 26.5 GHz, 20 Watts, SMA
REV 1.0
FMSW6327 FAIRVIEW-FMSW6327 Datasheet
710Kb / 6P
SPDT Failsafe Electro-Mechanical Relay Switch From DC to 26.5 GHz, 20 Watts, SMA
REV 1.0
FMSW6329 FAIRVIEW-FMSW6329 Datasheet
536Kb / 3P
FMSW6329 DATA SHEET SPDT Failsafe DC to 50 GHz Electro-Mechanical Relay Switch, up to 80W, 28V, 2.4mm
REV 1.3
More results


Similar Description - FMSW6328

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7141 PASTERNACK-PE7141 Datasheet
250Kb / 1P
SMA SPDT RELAY SWITCH FAILSAFE
PE7142 PASTERNACK-PE7142 Datasheet
120Kb / 1P
SMA SPDT RELAY SWITCH FAILSAFE
PE7148 PASTERNACK-PE7148 Datasheet
239Kb / 1P
N SPDT RELAY SWITCH, FAILSAFE
PE71S2017 PASTERNACK-PE71S2017 Datasheet
501Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2018 PASTERNACK-PE71S2018 Datasheet
433Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 27 dBm
PE71S6090 PASTERNACK-PE71S6090 Datasheet
458Kb / 6P
SPDT Electromechanical Relay Switch DC to 3 GHz, SMT, 400 Watts, 24V Control with Failsafe
PE7141 PASTERNACK-PE7141_15 Datasheet
434Kb / 6P
SPDT Electromechanical Relay Failsafe Switch
PE7142 PASTERNACK-PE7142_15 Datasheet
448Kb / 6P
SPDT Electromechanical Relay Failsafe Switch
PE7147 PASTERNACK-PE7147_15 Datasheet
444Kb / 6P
SPDT Electromechanical Relay Failsafe Switch
PE71S6347 PASTERNACK-PE71S6347_V01 Datasheet
802Kb / 8P
SPDT Electromechanical Relay Failsafe Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com