Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9094SM Datasheet (PDF) - Dallas Semiconductor

DS9094SM Datasheet PDF - Dallas Semiconductor
Part # DS9094SM
Download  DS9094SM Download
File Size   44.01 Kbytes
Page   1 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Surface-Mount iButton??Clip

DS9094SM Datasheet (PDF)

Go To PDF Page Download Datasheet
DS9094SM Datasheet PDF - Dallas Semiconductor

Part # DS9094SM
Download  DS9094SM Click to download

File Size   44.01 Kbytes
Page   1 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Surface-Mount iButton??Clip

DS9094SM Datasheet (HTML) - Dallas Semiconductor


DS9094SM Product details

DESCRIPTION
The DS9094SM is a low-cost, surface mount device that retains a 16.3 mm iButton on a printed circuit board. Two springs that double as ground contacts press the iButton to the data pad on the printed circuit board. The iButton can be inserted and extracted without special tools. For best results the data contact on the printed circuit board should be plated with a layer of minimum 0.76 µm hard gold over minimum 3.81 µm nickel.

FEATURES
■ Compact single-piece, all-metal clip for iButton mounting.
■ Lowest profile iButton mount
■ Made from 0.25 mm thick phosphor bronze
■ Withstands high temperatures required for surface mounting
■ Can be soldered, riveted or screw-mounted
■ Available for F3 and F5 iButton




Similar Part No. - DS9094SM

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9094SM DALLAS-DS9094SM Datasheet
53Kb / 1P
Surface-Mount iButton Clip
logo
Maxim Integrated Produc...
DS9094SM MAXIM-DS9094SM Datasheet
53Kb / 1P
Surface-Mount iButton Clip
050207
logo
Dallas Semiconductor
DS9094SM3+ DALLAS-DS9094SM3+ Datasheet
53Kb / 1P
Surface-Mount iButton Clip
DS9094SM5+ DALLAS-DS9094SM5+ Datasheet
53Kb / 1P
Surface-Mount iButton Clip
DS9094SM DALLAS-DS9094SM_07 Datasheet
53Kb / 1P
Surface-Mount iButton Clip
More results


Similar Description - DS9094SM

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1963S DALLAS-DS1963S Datasheet
349Kb / 37P
SHA iButton
DS9093S DALLAS-DS9093S Datasheet
43Kb / 1P
iButton Wall Mount
logo
Maxim Integrated Produc...
DS9093S MAXIM-DS9093S_07 Datasheet
48Kb / 1P
iButton Wall Mount
080207
logo
Dallas Semiconductor
DS9094SM DALLAS-DS9094SM_07 Datasheet
53Kb / 1P
Surface-Mount iButton Clip
DS9094F DALLAS-DS9094F Datasheet
164Kb / 2P
iButton PCB Clip
logo
Panasonic Battery Group
DZ24 PANASONICBATTERY-DZ24 Datasheet
382Kb / 1P
Clip Type, Surface Mount Zener Diodes
logo
Schurter Inc.
UMK250 SCHURTER-UMK250_18 Datasheet
337Kb / 4P
Surface Mount Fuse with Clip
logo
Maxim Integrated Produc...
DS9094SM MAXIM-DS9094SM Datasheet
53Kb / 1P
Surface-Mount iButton Clip
050207
DS9094F MAXIM-DS9094F Datasheet
164Kb / 2P
iButton PCB Clip
072308
DS9092 MAXIM-DS9092 Datasheet
274Kb / 3P
iButton Probe
8/09
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com