Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSA321SC Datasheet (PDF) - List of Unclassifed Manufacturers

DSA321SC Datasheet PDF - List of Unclassifed Manufacturers
Part # DSA321SC
Download  DSA321SC Download
File Size   150.24 Kbytes
Page   1 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Mobile communications

DSA321SC Datasheet (PDF)

Go To PDF Page Download Datasheet
DSA321SC Datasheet PDF - List of Unclassifed Manufacturers

Part # DSA321SC
Download  DSA321SC Click to download

File Size   150.24 Kbytes
Page   1 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Mobile communications

DSA321SC Datasheet (HTML) - List of Unclassifed Manufacturers


DSA321SC Product details

Mobile communications



Features

3225 size, 0.9 mm high miniature SMD VC-TCXO (0.008cc, 0.03g)

Low voltage. Supply voltage up to +2.4±0.1V.

Low current consumption

Low phase noise

Single packaged structure making the use of moisture-proof packaging unnecessary.

Moisture Sensitivity Level: LEVEL 1 (IPC/JEDEC J-STD-033)



Applications

Mobile phones (W-CDMA, CDMA2000, GSM, PCN, PCS, PHS)

 




Similar Part No. - DSA321SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DSA321SD ETC2-DSA321SD Datasheet
156Kb / 1P
GPS / Industrial Radio system
More results


Similar Description - DSA321SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VMOB70 ETC-VMOB70 Datasheet
154Kb / 3P
MOBILE COMMUNICATIONS
logo
Linear Technology
LTC2635 LINER-LTC2635 Datasheet
440Kb / 32P
Mobile Communications
LTC2637 LINER-LTC2637 Datasheet
1Mb / 28P
Mobile Communications
logo
TEMEX
RSO5032X TEMEX-RSO5032X Datasheet
465Kb / 6P
Mobile communications
logo
NIHON DEMPA KOGYO
NX2016SF NDK-NX2016SF Datasheet
369Kb / 1P
For Mobile Communications
NX2520SG NDK-NX2520SG_15 Datasheet
295Kb / 1P
For Mobile Communications
NX2520SG NDK-NX2520SG_16 Datasheet
697Kb / 1P
For Mobile Communications
NX2016SF_18 NDK-NX2016SF_18_03 Datasheet
785Kb / 1P
For Mobile Communications
NX5032SA NDK-NX5032SA_16 Datasheet
701Kb / 1P
For Mobile Communications
logo
AVX Corporation
CP0603V0836CNTR AVX-CP0603V0836CNTR Datasheet
108Kb / 3P
Mobile communications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com