Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2911-1 Datasheet (PDF) - Renesas Technology Corp

PS2911-1 Datasheet PDF - Renesas Technology Corp
Part # PS2911-1
Download  PS2911-1 Download
File Size   5271.15 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH CTR, 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER

PS2911-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS2911-1 Datasheet PDF - Renesas Technology Corp

Part # PS2911-1
Download  PS2911-1 Click to download

File Size   5271.15 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH CTR, 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER

PS2911-1 Datasheet (HTML) - Renesas Technology Corp


PS2911-1 Product details

 Ultra small flat-lead package (4.6 (W) x 2.5 (L) x 2.1 (H) mm)
 High current transfer ratio (CTR = 200 % TYP. @ IF = 1 mA, VCE = 5 V)
 High isolation voltage (BV = 2 500 Vr.m.s.)
 Embossed tape product: PS2911-1-F3: 3 500 pcs/reel
 Pb-free product
 Safety standards
 UL approved: UL 1577, Single protection
 BSI approved: BS EN IEC 62368-1, Supplementary insulation
 VDE approved: DIN EN IEC 60747-5-5 (Option)




Similar Part No. - PS2911-1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2911-1 CEL-PS2911-1 Datasheet
766Kb / 7P
NECs HIGH CTR, 4 PIN ULTRA SMALL PACKAGE FLAT LEAD OPTOCOUPLER
logo
Renesas Technology Corp
PS2911-1 RENESAS-PS2911-1 Datasheet
194Kb / 14P
HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PS2911-1 RENESAS-PS2911-1 Datasheet
304Kb / 14P
HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PS2911-1 RENESAS-PS2911-1 Datasheet
500Kb / 14P
HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
PS2911-1-AX RENESAS-PS2911-1-AX Datasheet
304Kb / 14P
HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
More results


Similar Description - PS2911-1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2911 CEL-PS2911 Datasheet
766Kb / 7P
NECs HIGH CTR, 4 PIN ULTRA SMALL PACKAGE FLAT LEAD OPTOCOUPLER
PS2911-1-F3-M-A CEL-PS2911-1-F3-M-A Datasheet
494Kb / 13P
HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
logo
Renesas Technology Corp
PS2911-1 RENESAS-PS2911-1_15 Datasheet
194Kb / 14P
HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PS2915-1 RENESAS-PS2915-1_15 Datasheet
429Kb / 14P
HIGH CTR, AC INPUT RESPONSE TYPE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2933-1 RENESAS-PS2933-1_16 Datasheet
411Kb / 14P
HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2915-1 RENESAS-PS2915-1_16 Datasheet
464Kb / 14P
HIGH CTR, AC INPUT RESPONSE TYPE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2911-1 RENESAS-PS2911-1_16 Datasheet
304Kb / 14P
HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PS2911-1 RENESAS-PS2911-1_V01 Datasheet
500Kb / 14P
HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
PS2915-1 RENESAS-PS2915-1_V01 Datasheet
491Kb / 14P
HIGH CTR, AC INPUT RESPONSE TYPE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
PS2933-1 RENESAS-PS2933-1_V01 Datasheet
466Kb / 14P
HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com