Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

425-6682 Datasheet (PDF) - Pro-Signal

425-6682 Datasheet PDF - Pro-Signal
Part # 425-6682
Download  425-6682 Download
File Size   25.85 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description 6.35mm (1/4") Jack Stereo Plug to 2 x Mono Plugs

425-6682 Datasheet (PDF)

Go To PDF Page Download Datasheet
425-6682 Datasheet PDF - Pro-Signal

Part # 425-6682
Download  425-6682 Click to download

File Size   25.85 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description 6.35mm (1/4") Jack Stereo Plug to 2 x Mono Plugs

425-6682 Datasheet (HTML) - Pro-Signal




Similar Part No. - 425-6682

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
425-6608 PROSIGNAL-425-6608 Datasheet
26Kb / 1P
3.5mm Stereo Jack Plug to 2 x 6.35mm (1/4") Mono Jack Plugs
425-6610 PROSIGNAL-425-6610 Datasheet
26Kb / 1P
3.5mm Stereo Jack Plug to 2 x 6.35mm (1/4") Mono Jack Plugs
425-6621 PROSIGNAL-425-6621 Datasheet
26Kb / 1P
3.5mm Stereo Jack Plug to 2 x 6.35mm (1/4") Mono Jack Plugs
425-6633 PROSIGNAL-425-6633 Datasheet
26Kb / 1P
3.5mm Stereo Jack Plug to 2 x 6.35mm (1/4") Mono Jack Plugs
425-6645 PROSIGNAL-425-6645 Datasheet
23Kb / 1P
Mono 3.5mm Jack Plug to Mono 3.5mm Jack Plug
More results


Similar Description - 425-6682

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6873 POMONA-6873 Datasheet
84Kb / 1P
쩌??Phone Plug 2 Pole (Mono), 3 Pole (Stereo)
6878 POMONA-6878 Datasheet
80Kb / 1P
쩌??Plug (mono) / RCA Jack, 쩌??Jack (mono) / RCA Plug
logo
Switchcraft, Inc.
220 SWITCH-220 Datasheet
26Kb / 1P
1/4 FLAT PLUG PHONE PLUGS
logo
List of Unclassifed Man...
NP3X-B ETC2-NP3X-B Datasheet
178Kb / 4P
1/4 Prof. Phone Plugs, X-Series
logo
Neutrik AG
NRJ4HF NEUTRIK-NRJ4HF Datasheet
77Kb / 3P
1/4" mono jack, switched, fully threaded nose
NRJ4HH NEUTRIK-NRJ4HH Datasheet
78Kb / 3P
1/4" mono jack, switched, half threaded nose
NRJ6HF NEUTRIK-NRJ6HF Datasheet
174Kb / 3P
1/4" stereo jack, switched, fully threaded nose
NRJ6HH NEUTRIK-NRJ6HH Datasheet
76Kb / 3P
1/4" stereo jack, switched, half threaded nose
NA3JJ NEUTRIK-NA3JJ Datasheet
90Kb / 2P
Stereo 1/4" locking jack - Stereo 1/4" locking jack (Tip, Ring, Sleeve contact), extension adapter
NA4LJX NEUTRIK-NA4LJX Datasheet
92Kb / 2P
speakON NL4FC - 1/4' mono jack adapter Wiring: 1 to TIP and -1 to SLEEVE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com