Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

847500 Datasheet (PDF) - Pro-Signal

847500 Datasheet PDF - Pro-Signal
Part # 847500
Download  847500 Download
File Size   191.51 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Cat5e RJ45 Patch cable F/UTP grey - 5 m

847500 Datasheet (PDF)

Go To PDF Page Download Datasheet
847500 Datasheet PDF - Pro-Signal

Part # 847500
Download  847500 Click to download

File Size   191.51 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Cat5e RJ45 Patch cable F/UTP grey - 5 m

847500 Datasheet (HTML) - Pro-Signal


847500 Product details

Main features Fee
Connection type Cable
Signal Network
‘A Connector type RJ-45
B Connector type RI-45
Gender of connector A Male
Gender of connector B Male
Category Cat 5E
Cable category Cat 5E
Shielding FIUTP
Length (m) 5
Colour Grey

secondary features
LSZH No
Snagless No
Crossover No
Conductor Copper
Wiring standards ANSUEIATTIA 568 & ISO/IEC 11801




Similar Part No. - 847500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8475 ETC2-8475 Datasheet
320Kb / 1P
HOLE PLUGS and BUSHINGS
logo
Heyco.
8475 HEYCO-8475 Datasheet
136Kb / 1P
Heyco-Flex™ Quick Twist Conduit Fittings
logo
Keystone Electronics Co...
8475 KEYSTONE-8475 Datasheet
313Kb / 1P
HOLE PLUGS & BUSHINGS
31-07 20th
8475 KEYSTONE-8475 Datasheet
83Kb / 1P
GROMMETS, BUMPERS & BUSHINGS
31-07 20th
More results


Similar Description - 847500

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N002-005-BK TRIPPLITE-N002-005-BK Datasheet
476Kb / 2P
Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Black, 5-ft.
N002-005-BL TRIPPLITE-N002-005-BL Datasheet
482Kb / 2P
Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Blue, 5-ft.
N002-005-GN TRIPPLITE-N002-005-GN Datasheet
480Kb / 2P
Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Green, 5-ft.
N002-005-GY TRIPPLITE-N002-005-GY Datasheet
470Kb / 2P
Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Gray, 5-ft.
N002-005-RD TRIPPLITE-N002-005-RD Datasheet
488Kb / 2P
Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Red, 5-ft.
N002-005-WH TRIPPLITE-N002-005-WH Datasheet
475Kb / 2P
Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - White, 5-ft.
N002-005-YW TRIPPLITE-N002-005-YW Datasheet
486Kb / 2P
Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Yellow, 5-ft.
N001-S05-BL TRIPPLITE-N001-S05-BL Datasheet
516Kb / 2P
Cat5e 350 MHz Snagless Molded Slim UTP Patch Cable (RJ45 M/M), Blue, 5 ft.
N002-015-WH TRIPPLITE-N002-015-WH Datasheet
167Kb / 3P
Cat5e 350 MHz Molded UTP Patch Cable (RJ45 M/M), White, 15 ft.
N002-075-BL TRIPPLITE-N002-075-BL Datasheet
171Kb / 3P
Cat5e 350 MHz Molded UTP Patch Cable (RJ45 M/M), Blue, 75 ft.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com