Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RBO08-40M Datasheet (PDF) - STMicroelectronics

RBO08-40M Datasheet PDF - STMicroelectronics
Part # RBO08-40M
Download  RBO08-40M Download
File Size   154.71 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description REVERSEDBATTERYAND OVERVOLTAGEPROTECTIONCIRCUITRBO

RBO08-40M Datasheet (PDF)

Go To PDF Page Download Datasheet
RBO08-40M Datasheet PDF - STMicroelectronics

Part # RBO08-40M
Download  RBO08-40M Click to download

File Size   154.71 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description REVERSEDBATTERYAND OVERVOLTAGEPROTECTIONCIRCUITRBO

RBO08-40M Datasheet (HTML) - STMicroelectronics


RBO08-40M Product details

DESCRIPTION
Designed to protect against battery reversal and overvoltages in automotive applications, this monolithic component offers multiple functions in the same package :
D1 : reversed battery protection
T1 : clamping against negative overvoltages
T2 : Transil function for overvoltage protection.
   
FEATURES
■ 8A DIODE TO GUARD AGAINST BATTERY
    REVERSAL.
■ NEGATIVE OVERVOLTAGE PROTECTION
    BY CLAMPING.
■ COMPLIANT WITH ISO/DTR 7637 STANDARD
    FOR PULSES 1, 2, 3a and 3b.
■ SUITABLE FOR AUTOPROTECTED ALTERNATOR
    ENVIRONMENT.
■ BREAKDOWN VOLTAGE : 24 V min.
■ CLAMPING VOLTAGE : ± 40 V max.
■ MONOLITHIC STRUCTURE FOR GREATER
    RELIABILITY.
   




Similar Part No. - RBO08-40M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RBO08-40G STMICROELECTRONICS-RBO08-40G Datasheet
303Kb / 9P
REVERSED BATTERY AND OVERVOLTAGE PROTECTION
Oct-2003
RBO08-40G STMICROELECTRONICS-RBO08-40G_03 Datasheet
303Kb / 9P
REVERSED BATTERY AND OVERVOLTAGE PROTECTION
Oct-2003
RBO08-40T STMICROELECTRONICS-RBO08-40T Datasheet
303Kb / 9P
REVERSED BATTERY AND OVERVOLTAGE PROTECTION
Oct-2003
More results


Similar Description - RBO08-40M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RBO40-40G STMICROELECTRONICS-RBO40-40G Datasheet
166Kb / 15P
REVERSEDBATTERYAND OVERVOLTAGEPROTECTIONCIRCUITRBO
Jan-1997
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com