Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2458L Datasheet (PDF) - Toshiba Semiconductor

2SC2458L Datasheet PDF - Toshiba Semiconductor
Part # 2SC2458L
Download  2SC2458L Download
File Size   179.68 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)

2SC2458L Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2458L Datasheet PDF - Toshiba Semiconductor

Part # 2SC2458L
Download  2SC2458L Click to download

File Size   179.68 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)

2SC2458L Datasheet (HTML) - Toshiba Semiconductor


2SC2458L Product details

Audio Amplifier Applications
Low Noise Audio Amplifier Applications
 High current capability: IC = 150 mA (max)
 High DC current gain: hFE = 70~700
 Excellent hFE linearity: hFE (IC = 0.1 mA)/hFE (IC = 2 mA) = 0.95 (typ.)
 Low noise: NF (2) = 0.2dB (typ.), 3dB (max)
 Complementary to 2SA1048 (L).
 Small package.




Similar Part No. - 2SC2458L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2458L TOSHIBA-2SC2458L Datasheet
211Kb / 3P
TRANSISTOR (AUDIO, LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
2SC2458L TOSHIBA-2SC2458L Datasheet
656Kb / 4P
Silicon NPN Epitaxial Type (PCT process)
2SC2458L-GR TOSHIBA-2SC2458L-GR Datasheet
312Kb / 4P
Audio Amplifier Applications
2SC2458L TOSHIBA-2SC2458L_07 Datasheet
656Kb / 4P
Silicon NPN Epitaxial Type (PCT process)
More results


Similar Description - 2SC2458L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4602 TOSHIBA-RN4602 Datasheet
329Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
2SD2655 TOSHIBA-2SD2655 Datasheet
70Kb / 2P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL TYPE (PCT PROCESS)
RN4905 TOSHIBA-RN4905 Datasheet
162Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4607 TOSHIBA-RN4607 Datasheet
161Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4911 TOSHIBA-RN4911 Datasheet
177Kb / 6P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4605 TOSHIBA-RN4605 Datasheet
163Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4608 TOSHIBA-RN4608 Datasheet
157Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4603 TOSHIBA-RN4603 Datasheet
166Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
TPCP8505 TOSHIBA-TPCP8505 Datasheet
205Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process
2SC1815L-GR TOSHIBA-2SC1815L-GR Datasheet
256Kb / 4P
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com