Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCDPMT Datasheet (PDF) - Pro-Signal

LCDPMT Datasheet PDF - Pro-Signal
Part # LCDPMT
Download  LCDPMT Download
File Size   246.4 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description LCD Pole Mounting Bracket

LCDPMT Datasheet (PDF)

Go To PDF Page Download Datasheet
LCDPMT Datasheet PDF - Pro-Signal

Part # LCDPMT
Download  LCDPMT Click to download

File Size   246.4 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description LCD Pole Mounting Bracket

LCDPMT Datasheet (HTML) - Pro-Signal


LCDPMT Product details

Features
•
Weight capacity 20 kgs (Max.)
•
Meets with VESA standard 400mm×200mm (Max.)
•
It fits any 30mm to 50mm diameter pole
•
The bracket allows to be mounted on horizontal pole or vertical pole
•
Monitor can be tilted and rotated.

Description
LCD Pole Mount Bracket, VESA, 400mm×200mm




Similar Part No. - LCDPMT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCDP1511D STMICROELECTRONICS-LCDP1511D Datasheet
56Kb / 6P
DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Sep-1999
LCDP1521 STMICROELECTRONICS-LCDP1521 Datasheet
94Kb / 8P
DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Mar-2002
LCDP1521 STMICROELECTRONICS-LCDP1521 Datasheet
118Kb / 11P
Dual line programmable transient voltage suppressor for SLIC protection
07-Feb-2006
LCDP1521RL STMICROELECTRONICS-LCDP1521RL Datasheet
94Kb / 8P
DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Mar-2002
LCDP1521RL STMICROELECTRONICS-LCDP1521RL Datasheet
118Kb / 11P
Dual line programmable transient voltage suppressor for SLIC protection
07-Feb-2006
More results


Similar Description - LCDPMT

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
BAS-5104 BUD-BAS-5104 Datasheet
20Kb / 1P
SLIDE MOUNTING BRACKET
MB-448 BUD-MB-448 Datasheet
58Kb / 1P
CHASSIS MOUNTING BRACKET
MB-1266 BUD-MB-1266 Datasheet
34Kb / 1P
TRIANGULAR MOUNTING BRACKET
logo
List of Unclassifed Man...
D-MFK2 ETC2-D-MFK2 Datasheet
468Kb / 4P
Mounting Bracket Kits
logo
PULS GmbH
ZM3.WALL PULS-ZM3.WALL Datasheet
101Kb / 1P
WALL MOUNTING BRACKET
ZM11.SIDE PULS-ZM11.SIDE Datasheet
214Kb / 2P
Side Mounting Bracket
logo
Ningbo Tianbo Ganglian ...
TRV4 TIANBO-TRV4 Datasheet
1Mb / 3P
optional mounting bracket
logo
WAGO Kontakttechnik Gmb...
858-110 WAGO-858-110 Datasheet
90Kb / 3P
Mounting bracket
logo
Festo Corporation.
2721419 FESTO-2721419 Datasheet
66Kb / 1P
Mounting bracket
7/21/22
550217 FESTO-550217 Datasheet
68Kb / 1P
Mounting bracket
7/21/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com