Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

128132 Datasheet (PDF) - Pro-Signal

128132 Datasheet PDF - Pro-Signal
Part # 128132
Download  128132 Download
File Size   41.23 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description DISPLAY PORT CABLE- 3 m

128132 Datasheet (PDF)

Go To PDF Page Download Datasheet
128132 Datasheet PDF - Pro-Signal

Part # 128132
Download  128132 Click to download

File Size   41.23 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description DISPLAY PORT CABLE- 3 m

128132 Datasheet (HTML) - Pro-Signal


128132 Product details

MAIN FEATURES
New-generation display port cable 1.1
- 10.8 Gigabit supports high resolution monitors up to 2560 x
1600
- Supports 16-bit depth
- Heavy duty connector allowing you to plug in easily the cable
without damage to the pins.
- Gold-plated connector providing optimum signal transfer

OTHER FEATURES
Warranty : 1AN
Brand : CE-LINK
Gencod : 3548381281320
Customs nomenclature :
85444290
Unit : PCS
Gross weight : 0,23 Kg
Net weight : 0,23 Kg
Volume : 0,00 cm3




Similar Part No. - 128132

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1281380000 WEIDMULLER-1281380000 Datasheet
141Kb / 2P
KTB RNHD 262620 R
1281390000 WEIDMULLER-1281390000 Datasheet
141Kb / 2P
KTB RNHD 303015 R
More results


Similar Description - 128132

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1944R SONY-CXD1944R Datasheet
181Kb / 21P
IEEE1394 3-port 200Mbps Cable Transceiver/Arbiter
logo
Tripp Lite. All Rights ...
F007003 TRIPPLITE-F007003 Datasheet
471Kb / 2P
FireWire IEEE 1394 Cable (6pin/4pin M-M) 3-ft
P583003 TRIPPLITE-P583003 Datasheet
474Kb / 2P
Mini DisplayPort to DisplayPort Cable (M-M), 3-ft
P584003 TRIPPLITE-P584003 Datasheet
472Kb / 2P
Mini DisplayPort Cable (M-M), 3-ft
U021-003 TRIPPLITE-U021-003 Datasheet
153Kb / 2P
USB 2.0 A/B Cable (M/M), 3-ft.
P582-003 TRIPPLITE-P582-003 Datasheet
162Kb / 2P
DisplayPort to HDMI Cable Adapter (M/M), 3-ft.
logo
Schneider Electric
TCSCCN4F3M3T SCHNEIDER-TCSCCN4F3M3T Datasheet
85Kb / 2P
CANopen cable - 1 x RJ45 - cable 3 m
May 2, 2022
HMIYCABDPDVI31 SCHNEIDER-HMIYCABDPDVI31 Datasheet
103Kb / 2P
Cable, Harmony Modular iPC/ FP6, Display Port to DVI port 3 m
May 9, 2022
logo
Logic Fruit Technologie...
DISPLAY-PORT-IP LFTECH-DISPLAY-PORT-IP Datasheet
6Mb / 5P
DISPLAY PORT IPs
logo
METZ CONNECT GmbH
130B11D31002-E METZ-130B11D31002-E Datasheet
378Kb / 9P
C6Amodul 3 port 180°M UP pure white
2023/02/02 Version: AE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com