Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

595400 Datasheet (PDF) - Pro-Signal

595400 Datasheet PDF - Pro-Signal
Part # 595400
Download  595400 Download
File Size   26.35 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description BARCODE READER -70 mm USB

595400 Datasheet (PDF)

Go To PDF Page Download Datasheet
595400 Datasheet PDF - Pro-Signal

Part # 595400
Download  595400 Click to download

File Size   26.35 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description BARCODE READER -70 mm USB

595400 Datasheet (HTML) - Pro-Signal


595400 Product details

MAIN FEATURES
CCD barcode scanner, ideal for intensive use!
High quality sensor, allowing you to read the poor quality
barcodes (damaged, reversed, sent by fax..)
- CCD sensor
- Protection of reading window
- Can read the followings: EAN-8, EAN-13, UPC-A, UPC-E, CODE
11 UCC/EAN, CODE 39, CODE 32, CODE 128,
MSI /PLESSEY, Industrial-25, Interleaved-25, Martix-25, China
Post-25, Codabar/Nw7
- Window width: 70 mm/ reading width: 80 mm
- Maximum operation distance: 20 mm
- Speed: 100 scan/ second
- Easy handling
- USB connection
- Weight: 155 g

OTHER FEATURES
Warranty : 1AN
Gencod : 3524890595400
Country of Origin : TW
Customs nomenclature :
84718000
Unit : PCS
Units per parcel : 0020
Gross weight : 0,33 Kg
Net weight : 0,23 Kg
Volume : 2012,50 cm3




Similar Part No. - 595400

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5954 ALPHAWIRE-5954 Datasheet
98Kb / 4P
Customer Specification
2/21/2023
logo
List of Unclassifed Man...
5954MTH1R ETC2-5954MTH1R Datasheet
529Kb / 22P
THE WIDEST RANGE IN MINIATURE SWITCHES
More results


Similar Description - 595400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU9510F ETC2-AU9510F_05 Datasheet
202Kb / 17P
USB Smart Card Reader Controller
AU9520 ETC2-AU9520_05 Datasheet
204Kb / 17P
USB Smart Card Reader Controller
AU9525 ETC2-AU9525 Datasheet
478Kb / 15P
USB Smart Card Reader Controller
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
USB Smart Card Reader
logo
NXP Semiconductors
PR533 NXP-PR533 Datasheet
615Kb / 36P
USB NFC integrated reader solution
Rev. 3.6-27 October 2014
logo
Advantech Co., Ltd.
UTC-510P-B ADVANTECH-UTC-510P-B Datasheet
417Kb / 1P
Barcode Reader for UTC-510 Series
15-Apr-2016
logo
SparkFun Electronics
COM-13004 SPARKFUN-COM-13004 Datasheet
112Kb / 1P
microSD USB Reader
8/3/2016
logo
IOGEAR
GSR202 IOGEAR-GSR202 Datasheet
155Kb / 3P
USB CAC Reader (TAA compliant)
logo
SparkFun Electronics
SEN-09963 SPARKFUN-SEN-09963 Datasheet
129Kb / 1P
SparkFun RFID USB Reader
6??0??7
logo
Advantech Co., Ltd.
UTC-542P-B ADVANTECH-UTC-542P-B Datasheet
431Kb / 1P
Barcode Reader for UTC-542 Series
29-Nov-2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com