Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC12213 Datasheet (PDF) - Pro-Power

SPC12213 Datasheet PDF - Pro-Power
Part # SPC12213
Download  SPC12213 Download
File Size   153.68 Kbytes
Page   1 Pages
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power
Description Expandable Sleeving

SPC12213 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPC12213 Datasheet PDF - Pro-Power

Part # SPC12213
Download  SPC12213 Click to download

File Size   153.68 Kbytes
Page   1 Pages
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power
Description Expandable Sleeving

SPC12213 Datasheet (HTML) - Pro-Power


SPC12213 Product details

Features
•
Rated to 125°C
•
Low temperature flexibility to -70°C
•
Can be cut with ordinary scissors, eliminates the need for hot-knife cutting
•
Does not trap heat or humidity
•
Rot-tree
•
Self-fitting over many shapes and sizes
•
Self-extinguishing when used to encase typical
non-flammable wires or cables

Description
Expandable Sleeving, Fray Resistant, Black




Similar Part No. - SPC12213

ManufacturerPart #DatasheetDescription
logo
Pro-Power
SPC12221 PROPOWER-SPC12221 Datasheet
176Kb / 1P
Fray Resistant, Flame Retardant, Expandable Sleeving
V1.0 08/05/20
SPC12222 PROPOWER-SPC12222 Datasheet
176Kb / 1P
Fray Resistant, Flame Retardant, Expandable Sleeving
V1.0 08/05/20
SPC12223 PROPOWER-SPC12223 Datasheet
176Kb / 1P
Fray Resistant, Flame Retardant, Expandable Sleeving
V1.0 08/05/20
SPC12224 PROPOWER-SPC12224 Datasheet
176Kb / 1P
Fray Resistant, Flame Retardant, Expandable Sleeving
V1.0 08/05/20
SPC12225 PROPOWER-SPC12225 Datasheet
176Kb / 1P
Fray Resistant, Flame Retardant, Expandable Sleeving
V1.0 08/05/20
More results


Similar Description - SPC12213

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
102-001-004 GLENAIR-102-001-004 Datasheet
63Kb / 1P
Expandable Fabric Tubular Braided Sleeving
logo
Richco, Inc.
OFEB-3-19 RICHCO-OFEB-3-19 Datasheet
43Kb / 1P
OPTICAL FIBER EXPANDABLE BRACKET
logo
Kemet Corporation
2A-160 KEMET-2A-160 Datasheet
121Kb / 1P
Assembly into Can , Sleeving Machine
logo
OEN India Limited
04-ES-125 OENINDIA-04-ES-125 Datasheet
114Kb / 1P
Expandable Braided Polyester Sleeving
04-ESNF125-10 OENINDIA-04-ESNF125-10 Datasheet
188Kb / 1P
No-Fray Expandable Braided Polyester Sleeving
logo
Adlink Technology Inc.
MVP-6000 ADLINK-MVP-6000 Datasheet
216Kb / 2P
Expandable Fanless Embedded Computer
MVP-6010 ADLINK-MVP-6010 Datasheet
899Kb / 3P
Expandable Fanless Embedded Computer
MVP-6100 ADLINK-MVP-6100 Datasheet
821Kb / 2P
Expandable GPU Workstation Platforms
MVP-6100-MXM ADLINK-MVP-6100-MXM Datasheet
821Kb / 2P
Expandable GPU Workstation Platforms
logo
Heyco.
8880 HEYCO-8880 Datasheet
184Kb / 1P
Heyco® Self-Closing Braided Sleeving
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com