Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15130 Datasheet (PDF) - Pro-Power

15130 Datasheet PDF - Pro-Power
Part # 15130
Download  15130 Download
File Size   288.33 Kbytes
Page   3 Pages
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power
Description 2:1 Polyolefin Heat Shrink Tubing

15130 Datasheet (PDF)

Go To PDF Page Download Datasheet
15130 Datasheet PDF - Pro-Power

Part # 15130
Download  15130 Click to download

File Size   288.33 Kbytes
Page   3 Pages
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power
Description 2:1 Polyolefin Heat Shrink Tubing

15130 Datasheet (HTML) - Pro-Power


15130 Product details

Application
These heat shrink tubing is manufactured with modified radiation cross-linked polyolefin. The specially designed halogen free formulation makes the tubing very flexible and shrinks at lower temperature. Suitable for applications where temperature sensitive components protection, e.g. PVC jacketed wire and cable and quick shrinkage is required. It has good mechanical and electrical performances.

Description
Heat Shrink Tubing, Polyolefin, 2:1, Black, 1.2mm, 100m




Similar Part No. - 15130

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15130 ETC2-15130 Datasheet
385Kb / 1P
TERMINAL BOARDS & STRIPS
logo
Multicomp Pro
15130 MULTICOMP-15130 Datasheet
288Kb / 3P
2:1 Polyolefin Heat Shrink Tubing
29/11/19 V1.0
logo
Chicago Miniature Lamp,...
15130350 CML-15130350 Datasheet
267Kb / 1P
MultiLEDs T13/4 (6mm) MG 4-Chip-LED with bridge rectifier
15130351 CML-15130351 Datasheet
267Kb / 1P
MultiLEDs T13/4 (6mm) MG 4-Chip-LED with bridge rectifier
15130352 CML-15130352 Datasheet
267Kb / 1P
MultiLEDs T13/4 (6mm) MG 4-Chip-LED with bridge rectifier
More results


Similar Description - 15130

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CGAT MACOM-CGAT Datasheet
48Kb / 2P
Adhesive lined polyolefin heat-shrinkable tubing
logo
Qualtek Electronics Cor...
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-R QUALTEK-Q2-R_13 Datasheet
649Kb / 1P
HEAT SHRINK THIN WALL TUBING
logo
List of Unclassifed Man...
SH275-4 ETC2-SH275-4 Datasheet
85Kb / 3P
Heat Shrinkable Irradiated Polyolefin Tubing
PP2258 ETC2-PP2258 Datasheet
271Kb / 4P
Heat Shrink Tubing
PP2130 ETC2-PP2130 Datasheet
271Kb / 4P
Heat Shrink Tubing 2 1 Ratio
logo
Adam Technologies, Inc.
HST-A-XXX-XX-X-SR31 ADAM-TECH-HST-A-XXX-XX-X-SR31 Datasheet
317Kb / 2P
DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev C
HST-A-XXX-XX-X-SR41 ADAM-TECH-HST-A-XXX-XX-X-SR41 Datasheet
292Kb / 2P
DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev. C
HST-XX-XX-X ADAM-TECH-HST-XX-XX-X Datasheet
867Kb / 2P
HEAT SHRINK TUBING, SINGLE WALL, FLAME RETARDANT POLYOLEFIN
Rev. B
logo
TE Connectivity Ltd
DWHF TEC-DWHF Datasheet
169Kb / 2P
DWHF – IRRADIATED MODIFIED POLYOLEFIN DUAL WALL HEAT SHRINK TUBING
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com