Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC32614A Datasheet (PDF) - Renesas Technology Corp

RC32614A Datasheet PDF - Renesas Technology Corp
Part # RC32614A
Download  RC32614A Download
File Size   2365.66 Kbytes
Page   97 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low Phase Noise System Synchronizer

RC32614A Datasheet (PDF)

Go To PDF Page Download Datasheet
RC32614A Datasheet PDF - Renesas Technology Corp

Part # RC32614A
Download  RC32614A Click to download

File Size   2365.66 Kbytes
Page   97 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low Phase Noise System Synchronizer

RC32614A Datasheet (HTML) - Renesas Technology Corp


RC32614A Product details

▪ UPN channel
• Generates clocks with 88fs RMS of jitter
• Generates 156.25MHz, with other frequencies available
• Four differential HCSL outputs
▪ Six DPLL/DCO channels
• Compliant with ITU-T G.8262.1 and G.8262
• Configurable as digital phase lock loop, digitally
controlled oscillator or synthesizer
• Generate any frequency from 0.5Hz to 1GHz
• Per channel frequency resolution of 1.11 × 10-16
• Channel-to-channel phase skew control with resolution of 1ps
• Ten differential / twenty LVCMOS outputs
▪ Time to digital converters measure phase between
external clocks with precision of 1ps
▪ 10 × 10 mm (with 0.8mm ball pitch) 144-CABGA package




Similar Part No. - RC32614A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC32614A RENESAS-RC32614A Datasheet
2Mb / 97P
Ultra-Low Phase Noise System Synchronizer
Rev.1.02 Apr 12, 2022
RC32614AXXXGBB#BC0 RENESAS-RC32614AXXXGBB#BC0 Datasheet
2Mb / 97P
Ultra-Low Phase Noise System Synchronizer
Rev.1.02 Apr 12, 2022
RC32614AXXXGBB#HC0 RENESAS-RC32614AXXXGBB#HC0 Datasheet
2Mb / 97P
Ultra-Low Phase Noise System Synchronizer
Rev.1.02 Apr 12, 2022
More results


Similar Description - RC32614A

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30121 ZARLINK-ZL30121 Datasheet
343Kb / 30P
SONET/SDH Low Jitter System Synchronizer
logo
Vectron International, ...
VC-708 VECTRON-VC-708 Datasheet
279Kb / 7P
Ultra Low Phase Noise
logo
Crystek Corporation
CVHD-575 CRYSTEKCRYSTAL-CVHD-575 Datasheet
260Kb / 2P
Ultra-Low Phase Noise
logo
M/A-COM Technology Solu...
MLPNC-7102 MA-COM-MLPNC-7102 Datasheet
637Kb / 5P
Ultra-Low Phase Noise
MLPNC-7103S1 MA-COM-MLPNC-7103S1 Datasheet
864Kb / 12P
Ultra-Low Phase Noise
MLPNC-7100 MA-COM-MLPNC-7100 Datasheet
648Kb / 5P
Ultra-Low Phase Noise
logo
CRYSTEK CORPORATION
CCHD-575 CRYSTEKMICROWAVE-CCHD-575 Datasheet
627Kb / 4P
Ultra-Low Phase Noise Oscillator
CVHD-575 CRYSTEKMICROWAVE-CVHD-575_17 Datasheet
493Kb / 3P
Ultra-Low Phase Noise
CVHD-950 CRYSTEKMICROWAVE-CVHD-950_17 Datasheet
580Kb / 3P
Ultra-Low Phase Noise
logo
Renesas Technology Corp
RC32614 RENESAS-RC32614 Datasheet
2Mb / 97P
Ultra-Low Phase Noise System Synchronizer
Apr 12, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com