Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JDAE40PA/SW Datasheet (PDF) - Hylec-APL Ltd. All rights reserved.

JDAE40PA/SW Datasheet PDF - Hylec-APL Ltd. All rights reserved.
Part # JDAE40PA/SW
Download  JDAE40PA/SW Download
File Size   415.83 Kbytes
Page   2 Pages
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.
Description Cable Glands/Grommets

JDAE40PA/SW Datasheet (PDF)

Go To PDF Page Download Datasheet
JDAE40PA/SW Datasheet PDF - Hylec-APL Ltd. All rights reserved.

Part # JDAE40PA/SW
Download  JDAE40PA/SW Click to download

File Size   415.83 Kbytes
Page   2 Pages
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.
Description Cable Glands/Grommets

JDAE40PA/SW Datasheet (HTML) - Hylec-APL Ltd. All rights reserved.


JDAE40PA/SW Product details

DESCRIPTION
Venting element thread length 18 Black - RAL 9005

CABLE GLANDS/GROMMETS FEATURES
• Typical air flow 400 ml/min/cm²; at Δp = 0,07 bar
• Water entry pressure > 1 bar
• Temperature range -40°C/+100°C
• Protection grade IP66 / IP67 / IP69K




Similar Part No. - JDAE40PA/SW

ManufacturerPart #DatasheetDescription
logo
Hylec-APL Ltd. All righ...
JDAE40PA/SW HYLEC-JDAE40PA/SW Datasheet
415Kb / 2P
Venting Elements/Breather Plugs
More results


Similar Description - JDAE40PA/SW

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0260700000 WEIDMULLER-0260700000 Datasheet
742Kb / 22P
Cable glands
logo
List of Unclassifed Man...
774 ETC2-774 Datasheet
362Kb / 1P
GROMMETS , BUSHINGS
logo
Richco, Inc.
CG-PG RICHCO-CG-PG Datasheet
79Kb / 1P
CABLE GLANDS - PG TYPE
CG-NPT RICHCO-CG-NPT Datasheet
78Kb / 1P
CABLE GLANDS - NPT TYPE
logo
SAB North America
CG300 SAB-CG300 Datasheet
169Kb / 1P
Metal Cable Glands
CG300NPT SAB-CG300NPT Datasheet
166Kb / 1P
Metal Cable Glands
CG300PG SAB-CG300PG Datasheet
168Kb / 1P
Metal Cable Glands
CGEMC-2 SAB-CGEMC-2 Datasheet
192Kb / 1P
EMC Grounding Cable Glands
CGEMC-2PG SAB-CGEMC-2PG Datasheet
233Kb / 1P
EMC Grounding Cable Glands
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
EMC Grounding Cable Glands
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com