Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JDAE40PA/SW Datasheet(PDF) 2 Page - Hylec-APL Ltd. All rights reserved.

Part # JDAE40PA/SW
Description  Cable Glands/Grommets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.

JDAE40PA/SW Datasheet(HTML) 2 Page - Hylec-APL Ltd. All rights reserved.

  JDAE40PA/SW Datasheet HTML 1Page - Hylec-APL Ltd. All rights reserved. JDAE40PA/SW Datasheet HTML 2Page - Hylec-APL Ltd. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATION
Product Type
Standard
Body Material
Polyamide
Min Temperature Rating °C
-40
Max Temperature Rating °C
100
IP Rating
IP66/IP67/IP69K
Colour
Black - RAL 9005
External Connecting Thread Type
Metric
Thread Length (mm)
18
Membrane
Polyether sulphone PES
Typical Air Flow
400 ml/min/cm2, 0,07 bar
Water Entry Pressure
> 1 bar
Width Across Flat 1 (mm)
50
Height (mm)
35.6
Connecting Thread Size
M40x1.5
Test Standard
Washers - Steel zinc-plated, Locknut - Brass CuZn39Pb3, nickel-plated,
O-Ring - Nitrile rubber
Torque Settings
->2.5Nm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com