Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IQXO-35CF Datasheet (PDF) - List of Unclassifed Manufacturers

IQXO-35CF Datasheet PDF - List of Unclassifed Manufacturers
Part # IQXO-35CF
Download  IQXO-35CF Download
File Size   47.86 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Industrial Oscillator

IQXO-35CF Datasheet (PDF)

Go To PDF Page Download Datasheet
IQXO-35CF Datasheet PDF - List of Unclassifed Manufacturers

Part # IQXO-35CF
Download  IQXO-35CF Click to download

File Size   47.86 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Industrial Oscillator

IQXO-35CF Datasheet (HTML) - List of Unclassifed Manufacturers


IQXO-35CF Product details

Delivery Options

■ Please contact our sales office for current leadtimes



Output Compatibility

■ HCMOS/TTL

■ Drive Capability: 50pF or 10TTL

■ Non tri-state (IQXO-35)

■ Tri-state (IQXO-36)



Package Outline

■ 8-pin DIL compatible resistance welded enclosure, hermetically sealed with glass to metal seals and high environmental performance Standard Frequency Stabilities



■ ±25ppm, ±50ppm, ±100ppm(over operating temperature range)



Frequency Tolerance @ 25°C (Optional)

■ ±5ppm, ±10ppm, ±25ppm



Operating Temperature Range

■ –40 to 85°C



Storage Temperature Range

■ –55 to 125°C



 




Similar Part No. - IQXO-35CF

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQXO-35 IQD-IQXO-35 Datasheet
996Kb / 2P
Crystal Clock Oscillator Specification
logo
List of Unclassifed Man...
IQXO-350 ETC1-IQXO-350 Datasheet
99Kb / 2P
Commercial Oscillator
More results


Similar Description - IQXO-35CF

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
3CW40-000H3 CPI-3CW40-000H3 Datasheet
88Kb / 1P
RF Industrial oscillator
3CW45-000H3 CPI-3CW45-000H3 Datasheet
89Kb / 1P
RF Industrial oscillator
3CW7000H3 CPI-3CW7000H3 Datasheet
88Kb / 1P
RF industrial oscillator or amplifier
3CW150-000H3 CPI-3CW150-000H3 Datasheet
87Kb / 1P
RF Industrial Oscillator
3CX20-000H3 CPI-3CX20-000H3 Datasheet
99Kb / 1P
RF Industrial oscillator or amplifier
3CX1000A3 CPI-3CX1000A3 Datasheet
93Kb / 1P
RF Industrial oscillator
3CX1500D3 CPI-3CX1500D3 Datasheet
128Kb / 1P
RF Industrial oscillator or amplifier
3CX2500A3 CPI-3CX2500A3 Datasheet
90Kb / 1P
RF Industrial oscillator
3CX2500F3 CPI-3CX2500F3 Datasheet
88Kb / 1P
RF Industrial Oscillator
3CX2500H3 CPI-3CX2500H3 Datasheet
88Kb / 1P
RF Industrial oscillator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com