Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB-29 Datasheet (PDF) - Pro-Signal

SB-29 Datasheet PDF - Pro-Signal
Part # SB-29
Download  SB-29 Download
File Size   162.61 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Speaker Wall Bracket Pair

SB-29 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB-29 Datasheet PDF - Pro-Signal

Part # SB-29
Download  SB-29 Click to download

File Size   162.61 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Speaker Wall Bracket Pair

SB-29 Datasheet (HTML) - Pro-Signal


SB-29 Product details

Features
•
Black ABS
•
Mounts speaker 2.5” from wall
•
Separate mounting plate with locking screw provides easy installation
•
7.7 lbs. maximum load
•
All mounting hardware included
Description
Tilt-N-Turn Speaker Bracket Pair Designed for compact speakers weighing up to seven pounds, these brackets are perfect for home theater use or in public areas for small background music speakers. The unique ball swivel assembly provides ±70° pan and ±40° tilt, allowing wide adjustment range.

Description
Speaker Wall Bracket Pair




Similar Part No. - SB-29

ManufacturerPart #DatasheetDescription
logo
MIDLITE Corporation
SB-2 MIDLITE-SB-2 Datasheet
832Kb / 2P
Speaker Mount and Hidden Power for Sonos® One & One SL Mounts between studs to any desired location.
logo
Molex Electronics Ltd.
SB-218-38 MOLEX4-SB-218-38 Datasheet
108Kb / 2P
Perma-Seal??Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 3/8
SB-218-38T MOLEX4-SB-218-38T Datasheet
109Kb / 3P
Perma-Seal??Ring Tongue Terminal for 14-16 AWG Wire, Stud 3/8, Mylar TapeCarrier
SB-219-06 MOLEX4-SB-219-06 Datasheet
78Kb / 2P
Perma-Seal??Hook Tongue Terminal for 14-16 AWG Wire, Stud Size 6
SB-219-08 MOLEX4-SB-219-08 Datasheet
78Kb / 2P
Perma-Seal??Hook Tongue Terminal for 14-16 AWG Wire, Stud Size 8
More results


Similar Description - SB-29

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
SP2R2415 SYSTEMSENSOR-SP2R2415 Datasheet
178Kb / 2P
Wall Speaker Strobes
logo
Gamewell-FCI by Honeywe...
SPWK GAMEWELL-FCI-SPWK Datasheet
272Kb / 3P
Wall mount outdoor speaker
SP2R1224MC GAMEWELL-FCI-SP2R1224MC Datasheet
203Kb / 2P
Wall Speaker/Strobes
logo
PULS GmbH
ZM1.WALL PULS-ZM1.WALL Datasheet
99Kb / 2P
WALL Mounting Bracket
ZM2.WALL PULS-ZM2.WALL Datasheet
145Kb / 3P
WALL MOUNTING BRACKET
ZM3.WALL PULS-ZM3.WALL Datasheet
101Kb / 1P
WALL MOUNTING BRACKET
logo
Maxtena Inc.
MMB-01-10-W MAXTENA-MMB-01-10-W Datasheet
2Mb / 2P
Wall mount Bracket
REV A
MMB-01-11-P MAXTENA-MMB-01-11-P Datasheet
671Kb / 2P
Wall mount Bracket
REV A
MMB-01-12-P MAXTENA-MMB-01-12-P Datasheet
773Kb / 2P
Wall mount Bracket
REV A
logo
List of Unclassifed Man...
555-13885 ETC-555-13885 Datasheet
88Kb / 1P
Wall Mount Speaker Bracket for 35mm Pole Mount Speakers
03/01/19 V1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com