Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8100713 Datasheet (PDF) - ledxon GmbH

8100713 Datasheet PDF - ledxon GmbH
Part # 8100713
Download  8100713 Download
File Size   125.36 Kbytes
Page   5 Pages
Manufacturer  LEDXON [ledxon GmbH]
Direct Link  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH
Description Downlight DLA1-M20, 18W 1007lm FM 15° white

8100713 Datasheet (PDF)

Go To PDF Page Download Datasheet
8100713 Datasheet PDF - ledxon GmbH

Part # 8100713
Download  8100713 Click to download

File Size   125.36 Kbytes
Page   5 Pages
Manufacturer  LEDXON [ledxon GmbH]
Direct Link  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH
Description Downlight DLA1-M20, 18W 1007lm FM 15° white

8100713 Datasheet (HTML) - ledxon GmbH


8100713 Product details

FEATURES
Product group Downlight/spot/floodlight (EC001744)
Suitable for wall mounting No
Dimming DALI-2 Yes
Suitable for traverse mounting No
Suitable for pedestal/floor mounting No
Suitable for light-track mounting No
Suitable for clamp-mounting No
Suitable for low voltage cable system No
Adjustability Rotating and swivelling
Housing material Aluminium




Similar Part No. - 8100713

ManufacturerPart #DatasheetDescription
logo
ledxon GmbH
8100710 LEDXON-8100710 Datasheet
125Kb / 5P
Downlight DLA1-M20, 18W 1917lm CRI97 B30 40° white
8100711 LEDXON-8100711 Datasheet
125Kb / 5P
Downlight DLA1-M20, 18W 1917lm CRI97 B30 40° grey
8100712 LEDXON-8100712 Datasheet
124Kb / 5P
Downlight DLA1-M20, 18W 1007lm FM 15° black
8100714 LEDXON-8100714 Datasheet
125Kb / 5P
Downlight DLA1-M20, 18W 1007lm FM 15° grey
8100715 LEDXON-8100715 Datasheet
124Kb / 5P
Downlight DLA1-M20, 18W 1007lm FM 24° black
More results


Similar Description - 8100713

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
RTO-0W07-001 DIALIGHT-RTO-0W07-001 Datasheet
110Kb / 2P
DuroSite SERIES LED WHITE DOWNLIGHT
RTO-2W07-001 DIALIGHT-RTO-2W07-001 Datasheet
125Kb / 2P
SafeSite RTO LED WHITE DOWNLIGHT
logo
Seoul Semiconductor
MJD-2V16W1P3 SEOUL-MJD-2V16W1P3 Datasheet
546Kb / 20P
120V 17W Downlight
SMJD-3V16W1P3 SEOUL-SMJD-3V16W1P3 Datasheet
2Mb / 20P
220V 17.5W Downlight
logo
Cree, Inc
LR4 CREE-LR4 Datasheet
424Kb / 2P
Architectural LED Downlight
LR6 CREE-LR6 Datasheet
409Kb / 2P
LED Downlight
LR6-7L-27K-GU24-E26 CREE-LR6-7L-27K-GU24-E26 Datasheet
421Kb / 2P
LED Downlight
LR6-10L-35K-120V-A-DR CREE-LR6-10L-35K-120V-A-DR Datasheet
399Kb / 2P
LED Downlight
LR6-18L-35K-120V-A-DR CREE-LR6-18L-35K-120V-A-DR Datasheet
397Kb / 2P
LED Downlight
logo
K.A. Schmersal GmbH & C...
AZ15ZVRK-M20 SCHMERSAL-AZ15ZVRK-M20 Datasheet
663Kb / 5P
AZ 15 ZVRK-M20
2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com