Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SE156-3 Datasheet (PDF) - Honeywell Solid State Electronics Center

2SE156-3 Datasheet PDF - Honeywell Solid State Electronics Center
Part # 2SE156-3
Download  2SE156-3 Download
File Size   1154.02 Kbytes
Page   14 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description MICRO SWITCH™ Miniature Sealed Basic Switches SE and XE Series

2SE156-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SE156-3 Datasheet PDF - Honeywell Solid State Electronics Center

Part # 2SE156-3
Download  2SE156-3 Click to download

File Size   1154.02 Kbytes
Page   14 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description MICRO SWITCH™ Miniature Sealed Basic Switches SE and XE Series

2SE156-3 Datasheet (HTML) - Honeywell Solid State Electronics Center


2SE156-3 Product details

Features
and Benefits
MIL-QUALIFIED AND AGENCY CERTIFIED
Military qualified listings offered in the MICRO SWITCH™ XE product family
are for onboard or support equipment as specified. UL and CSA certified products
are available for use where the application is not aerospace or military related.
COMPACT AND SEALED
Miniature overall package size requires less space on the equipment.
SE and XE Series switches are environmentally sealed in a small package
for stringent indoor or outdoor applications where liquid and/or particulate
contaminates are present.
WELL SUITED FOR HIGH TEMPERATURES
SE/XE switches boast temperature ratings from -53 °C to 105 °C [-65 °F
to 221 °F] for design flexibility, with high temperature options to 149 °C [300 °F].
LOW VOLTAGE AND POWER DUTY CAPABILITY
SE/XE product are available with silver contacts for control of power duty circuits
or gold contacts for control of logic level circuits.
LEVERS FURTHER EXPAND FUNCTIONALITY
Auxiliary actuators expand the capability of the products for additional
applications.
RANGE OF TERMINATION OPTIONS
Electrical connectivity options include solder post, preleaded with MIL-rated
leadwire, or custom connectivity to decrease installation time.
Tiny, tough, and high-temp rated

MILITARY AIRCRAFT AND HELICOPTERS
• Monitor doors or panels whether open/closed or locked/unlocked
• Mechanical position of actuators
• Valve position open or closed in conjunction with the hydraulics, fuel, and other
systems
• Missile, bomb, and ordnance systems
COMMERCIAL AIRCRAFT AND HELICOPTERS
• Monitor doors or panels whether open/closed or locked/unlocked
• Mechanical position of actuators
• Valve position open or closed in conjunction with the hydraulics, fuel, and other
systems
AVIATION GROUND SUPPORT EQUIPMENT
• Monitoring doors or panels
• Valve position whether open or closed
MILITARY LAND VEHICLES
(TRACK AND WHEELED VEHICLES)
• Monitor position of doors, guards
• Monitor position of valves and solenoids
Potential Applications




Similar Part No. - 2SE156-3

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
2SE SENSATA-2SE Datasheet
192Kb / 4P
Solid-State Vane Switch
logo
Panasonic Semiconductor
2SEPC1000MX PANASONIC-2SEPC1000MX Datasheet
55Kb / 2P
Radial Lead Type
2SEPC100MZ PANASONIC-2SEPC100MZ Datasheet
55Kb / 2P
Radial Lead Type
2SEPC2700M PANASONIC-2SEPC2700M Datasheet
55Kb / 2P
Radial Lead Type
2SEPC330MZ PANASONIC-2SEPC330MZ Datasheet
55Kb / 2P
Radial Lead Type
More results


Similar Description - 2SE156-3

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
V15W11-EZ200-W3 HONEYWELL-V15W11-EZ200-W3 Datasheet
277Kb / 6P
MICRO SWITCH??V15W Series Watertight Miniature Switches
3SX1-T HONEYWELL-3SX1-T Datasheet
356Kb / 7P
MICRO SWITCH??Basic Switches Line Guide
logo
Omron Electronics LLC
V-15-1A5 OMRON-V-15-1A5 Datasheet
256Kb / 16P
Miniature Basic Switch
logo
Honeywell Accelerometer...
ZM10B70E01 HONEYWELL-ACC-ZM10B70E01 Datasheet
356Kb / 7P
MICRO SWITCH Basic Switches Line Guide
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
MICRO SWITCH Premium Miniature Basic Switches
ZW50F90DW1 HONEYWELL-ZW50F90DW1 Datasheet
2Mb / 9P
MICRO SWITCH??Sealed Subminiature Basic Switches
002381 HONEYWELL-002381 Datasheet
1Mb / 9P
MICRO SWITCH Miniature Precision Limit Switches
05/19
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
MICRO SWITCH Standard Miniature Basic Switches
06/20
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
Miniature Basic Switch
logo
Honeywell Solid State E...
A0001414394-1 HONEYWELL-A0001414394-1 Datasheet
2Mb / 10P
MICRO SWITCH™ Hermetic Sealed Basic Switches
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com