Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405C22SM Datasheet (PDF) - CTS Corporation

405C22SM Datasheet PDF - CTS Corporation
Part # 405C22SM
Download  405C22SM Download
File Size   135.62 Kbytes
Page   3 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Surface Mount Quartz Crystal

405C22SM Datasheet (PDF)

Go To PDF Page Download Datasheet
405C22SM Datasheet PDF - CTS Corporation

Part # 405C22SM
Download  405C22SM Click to download

File Size   135.62 Kbytes
Page   3 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Surface Mount Quartz Crystal

405C22SM Datasheet (HTML) - CTS Corporation


405C22SM Product details

DESCRIPTION
The Model 405 is a ceramic packaged Crystal offering reduced size, ideal for high-density circuit board applications. The Model 405 offers reliable precision and excellent shock performance in wireless telecommunication devices.

FEATURES
• Standard 5.0x3.2mm Surface Mount Footprint
• Stable Frequency Over Temperature and Drive Level
• Frequency Range 12 – 50 MHz
• Frequency Tolerance, ±30 ppm Standard (±10 ppm and ±20 ppm available)
• Frequency Stability, ±50 ppm Standard (±10,±20,±30 and ±40 ppm available)
• Operating Temperature to –40°C to +85°C
• Tape & Reel Packaging, EIA-481-2 Compliant
• RoHS/Green Compliant




Similar Part No. - 405C22SM

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
405C ATC-405C Datasheet
452Kb / 3P
Timer with Instantaneous Relay
405C100E1K ATC-405C100E1K Datasheet
452Kb / 3P
Timer with Instantaneous Relay
405C100E1X ATC-405C100E1X Datasheet
452Kb / 3P
Timer with Instantaneous Relay
405C100E2K ATC-405C100E2K Datasheet
452Kb / 3P
Timer with Instantaneous Relay
405C100E2X ATC-405C100E2X Datasheet
452Kb / 3P
Timer with Instantaneous Relay
More results


Similar Description - 405C22SM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JXE75 ETC1-JXE75 Datasheet
63Kb / 2P
Surface Mount Quartz Crystal
logo
CTS Corporation
403 CTS-403 Datasheet
132Kb / 3P
Surface Mount Quartz Crystal
ATP-SM CTS-ATP-SM_06 Datasheet
118Kb / 4P
Surface Mount Quartz Crystal
407 CTS-407 Datasheet
155Kb / 3P
Surface Mount Quartz Crystal
425 CTS-425 Datasheet
136Kb / 3P
Surface Mount Quartz Crystal
445W21AXXMXXXXX CTS-445W21AXXMXXXXX Datasheet
108Kb / 2P
Surface Mount Quartz Crystal
405C11A19M20000 CTS-405C11A19M20000 Datasheet
125Kb / 3P
Surface Mount Quartz Crystal
405C35D48M00000 CTS-405C35D48M00000 Datasheet
125Kb / 3P
Surface Mount Quartz Crystal
403C35D24M00000 CTS-403C35D24M00000 Datasheet
137Kb / 3P
Surface Mount Quartz Crystal
logo
STATEK CORPORATION
CX11VSM STATEK-CX11VSM Datasheet
104Kb / 2P
Surface Mount Quartz Crystal
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com