Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LG-Q976-01 Datasheet (PDF) - ams-OSRAM AG

LG-Q976-01 Datasheet PDF - ams-OSRAM AG
Part # LG-Q976-01
Download  LG-Q976-01 Download
File Size   1985.78 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Chip LED 0603

LG-Q976-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
LG-Q976-01 Datasheet PDF - ams-OSRAM AG

Part # LG-Q976-01
Download  LG-Q976-01 Click to download

File Size   1985.78 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Chip LED 0603

LG-Q976-01 Datasheet (HTML) - ams-OSRAM AG


LG-Q976-01 Product details

Applications
- Appliances & Tools
- Display Backlighting
- Factory Automation
- Home & Building Automation
- Projection & Display
- Static Signaling
Features
- Package: SMT package 0603, clear epoxy
- Chip technology: Volume emitter (InGaAlP)
- Typ. Radiation: 150°
- Color: λdom = 573 nm (● green)
- Corrosion Robustness Class: 2B
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)





Similar Part No. - LG-Q976-01

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LG-Q971 OSRAM-LG-Q971 Datasheet
418Kb / 21P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
More results


Similar Description - LG-Q976-01

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-21BHC EVERLIGHT-19-21BHC Datasheet
154Kb / 10P
0603 Package Chip LED (0.8mm Height)
SIR19-315-TR8 EVERLIGHT-SIR19-315-TR8 Datasheet
208Kb / 9P
0603 Package Infrared Chip LED
SIR19-315-TR8 EVERLIGHT-SIR19-315-TR8 Datasheet
312Kb / 9P
0603 Package Infrared Chip LED
2014-08-18
EAIST1708A0 EVERLIGHT-EAIST1708A0 Datasheet
581Kb / 9P
0603 Package Infrared Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
19-21-BHC-AP1Q2-3T TO-GRACE-19-21-BHC-AP1Q2-3T Datasheet
842Kb / 10P
0603 Package Chip LED (0.8mm Height)
19-21-BHC-ZQ1R2N-3T TO-GRACE-19-21-BHC-ZQ1R2N-3T Datasheet
599Kb / 10P
0603 Package Chip LED (0.8mm Height)
19-21-R6C-FP1Q2L-3T TO-GRACE-19-21-R6C-FP1Q2L-3T Datasheet
1,023Kb / 10P
0603 Package Chip LED(0.8mm Height)
19-21-R7C-AK1L2BY-3T TO-GRACE-19-21-R7C-AK1L2BY-3T Datasheet
786Kb / 10P
0603 Package Chip LED(0.8mm Height)
19-213-G6W-FN1P1B-3T TO-GRACE-19-213-G6W-FN1P1B-3T Datasheet
1Mb / 10P
0603 Package Chip LED (0.6mm Height)
19-213-Y2C-CN1P2-3T TO-GRACE-19-213-Y2C-CN1P2-3T Datasheet
1Mb / 10P
0603 Package Chip LED (0.6mm Height)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com