Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

002012V04 Datasheet (PDF) - KNIPEX

002012V04 Datasheet PDF - KNIPEX
Part # 002012V04
Download  002012V04 Download
File Size   123.49 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description VDE Screwdriver Set Slotted / Phillips® / Pozidriv®

002012V04 Datasheet (PDF)

Go To PDF Page Download Datasheet
002012V04 Datasheet PDF - KNIPEX

Part # 002012V04
Download  002012V04 Click to download

File Size   123.49 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description VDE Screwdriver Set Slotted / Phillips® / Pozidriv®

002012V04 Datasheet (HTML) - KNIPEX


002012V04 Product details

General
Article No. 00 20 12 V04
EAN 4003773082552
Weight 509 g
Dimensions 170 x 35 mm
Reach no
RohS no




Similar Part No. - 002012V04

ManufacturerPart #DatasheetDescription
logo
KNIPEX
002012V01 KNIPEX-002012V01 Datasheet
116Kb / 2P
Screwdriver Set
05.07.2021
002012V02 KNIPEX-002012V02 Datasheet
120Kb / 2P
VDE Screwdriver Set Slotted / Phillips®
05.07.2021
002012V03 KNIPEX-002012V03 Datasheet
122Kb / 2P
VDE Screwdriver Set Phillips® / Pozidriv®
05.07.2021
002012V05 KNIPEX-002012V05 Datasheet
119Kb / 2P
VDE Screwdriver Set PlusMinus / Slotted
05.07.2021
More results


Similar Description - 002012V04

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SF-PH-0-60 PHOENIX-SF-PH-0-60 Datasheet
49Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PH-3-150 PHOENIX-SF-PH-3-150 Datasheet
49Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-SL PHOENIX-SF-SL Datasheet
64Kb / 3P
Screwdriver set, bladed/crosshead Phillips Recess짰, VDE insulated, 6-part, incl. rack
SZG-0 PHOENIX-SZG-0 Datasheet
80Kb / 4P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PH-1-80-S-VDE PHOENIX-SF-PH-1-80-S-VDE Datasheet
60Kb / 2P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PHSL-1-80-S-VDE PHOENIX-SF-PHSL-1-80-S-VDE Datasheet
54Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PZ-2-100-S-VDE PHOENIX-SF-PZ-2-100-S-VDE Datasheet
54Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PZSL-2-100-S-VDE PHOENIX-SF-PZSL-2-100-S-VDE Datasheet
54Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
1205163 PHOENIX-1205163 Datasheet
60Kb / 3P
Screwdriver - SZK PH2 VDE
1212602 PHOENIX-1212602 Datasheet
53Kb / 2P
Screwdriver - SZS 0,6X3,5 VDE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com