Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

002016 Datasheet (PDF) - KNIPEX

002016 Datasheet PDF - KNIPEX
Part # 002016
Download  002016 Download
File Size   136.17 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Case for Electronics Pliers With tools for work on electronic components

002016 Datasheet (PDF)

Go To PDF Page Download Datasheet
002016 Datasheet PDF - KNIPEX

Part # 002016
Download  002016 Click to download

File Size   136.17 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Case for Electronics Pliers With tools for work on electronic components

002016 Datasheet (HTML) - KNIPEX


002016 Product details

General
Article No. 00 20 16
EAN 4003773022619
Weight 660 g
Dimensions 162 x 45 mm
Reach no
RohS no




Similar Part No. - 002016

ManufacturerPart #DatasheetDescription
logo
KNIPEX
002016P KNIPEX-002016P Datasheet
124Kb / 2P
Case for Electronics Pliers With tools for work on electronic components
05.07.2021
002016PESD KNIPEX-002016PESD Datasheet
131Kb / 2P
Case for Electronics Pliers With tools for work on electronic components
05.07.2021
More results


Similar Description - 002016

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TUA6012 SIEMENS-TUA6012 Datasheet
253Kb / 31P
Components for Entertainment Electronics
logo
Infineon Technologies A...
TDA6170 INFINEON-TDA6170 Datasheet
416Kb / 27P
Components for Entertainment Electronics, Satellite Sound IF
21.7.99
logo
DB Lectro Inc
JQX-14FC DBLECTRO-JQX-14FC Datasheet
280Kb / 3P
ELECTRONIC COMPONENTS
logo
Weidmuller
171529000 WEIDMULLER-171529000 Datasheet
94Kb / 7P
PCB Components and Housings for Electronics
1716060000 WEIDMULLER-1716060000 Datasheet
95Kb / 7P
PCB Components and Housings for Electronics
logo
List of Unclassifed Man...
5967001901 ETC2-5967001901 Datasheet
369Kb / 4P
Ferrite Components for the Electronics Industry
A-4598 ETC2-A-4598 Datasheet
3Mb / 52P
Tools for Telecom, Fiber Optics, CATV, Wireless and Electronics Industries
logo
Maxim Integrated Produc...
MAX77734EVKIT MAXIM-MAX77734EVKIT Datasheet
2Mb / 17P
On-Board Electronic Load for LDO
Rev 0; 9/17
MAX77752 MAXIM-MAX77752 Datasheet
2Mb / 19P
On-Board Electronics Load Allows for Easy Evaluation
Rev 0; 10/17
logo
PHOENIX CONTACT
1203259 PHOENIX-1203259 Datasheet
47Kb / 2P
These crimping pliers are pneumatic tools for ferrules with a cross section range of 0.25 to 10 mm짼
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com