Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9822-1 Datasheet (PDF) - Renesas Technology Corp

PS9822-1 Datasheet PDF - Renesas Technology Corp
Part # PS9822-1
Download  PS9822-1 Download
File Size   478.2 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER

PS9822-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS9822-1 Datasheet PDF - Renesas Technology Corp

Part # PS9822-1
Download  PS9822-1 Click to download

File Size   478.2 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER

PS9822-1 Datasheet (HTML) - Renesas Technology Corp


PS9822-1 Product details

• Supply Voltage
N rank: VCC = 3.3 V
L rank: VCC = 5 V
• Pulse width distortion (tPHL−tPLH = 200 ns MAX.)
• 40% reduction of mounting area (5-pin SOP × 2)
• High-speed (1 Mbps)
• High isolation voltage (BV = 2 500 Vr.m.s.)
• Open collector output
• Ordering number of tape product: PS9822-1-F3 : 1 500 pcs/reel
• : PS9822-2-F3 : 1 500 pcs/reel
• Pb-Free product
• Safety standards
• UL :UL 1577, Single protection
• VDE :DIN EN IEC 60747-5-5 (Option)




Similar Part No. - PS9822-1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9822-1 CEL-PS9822-1 Datasheet
205Kb / 12P
1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9822-1 RENESAS-PS9822-1 Datasheet
176Kb / 14P
1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8)
PS9822-1 RENESAS-PS9822-1 Datasheet
291Kb / 15P
1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
Dec 22, 2021
logo
California Eastern Labs
PS9822-1-AX CEL-PS9822-1-AX Datasheet
205Kb / 12P
1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9822-1-AX RENESAS-PS9822-1-AX Datasheet
291Kb / 15P
1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
Dec 22, 2021
More results


Similar Description - PS9822-1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8821-1 CEL-PS8821-1 Datasheet
1Mb / 6P
1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1 CEL-PS8802-1_04 Datasheet
216Kb / 13P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1 CEL-PS8821-1_1 Datasheet
444Kb / 16P
1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9822-1 CEL-PS9822-1 Datasheet
205Kb / 12P
1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9821-1 CEL-PS9821-1 Datasheet
295Kb / 17P
HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
PS9817A-1 CEL-PS9817A-1 Datasheet
271Kb / 16P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1 CEL-PS8821-1 Datasheet
277Kb / 16P
1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9821-1 RENESAS-PS9821-1_15 Datasheet
297Kb / 19P
HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8)
PS9822-1 RENESAS-PS9822-1_15 Datasheet
176Kb / 14P
1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8)
PS9821-1 RENESAS-PS9821-1_V01 Datasheet
275Kb / 15P
HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
Dec 17, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com