Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9122-V Datasheet (PDF) - Renesas Technology Corp

PS9122-V Datasheet PDF - Renesas Technology Corp
Part # PS9122-V
Download  PS9122-V Download
File Size   497.73 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5), HIGH-SPEED PHOTOCOUPLER

PS9122-V Datasheet (PDF)

Go To PDF Page Download Datasheet
PS9122-V Datasheet PDF - Renesas Technology Corp

Part # PS9122-V
Download  PS9122-V Click to download

File Size   497.73 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5), HIGH-SPEED PHOTOCOUPLER

PS9122-V Datasheet (HTML) - Renesas Technology Corp


PS9122-V Product details

• Supply Voltage
N rank: VCC = 3.3 V
L rank: VCC = 5 V
• Pulse width distortion (tPHL − tPLH = 200 ns MAX.)
• Small package (SO-5)
• High-speed (1 Mbps)
• High isolation voltage (BV = 3 750 Vr.m.s.)
• Open collector output
• Embossed tape product: PS9122-F3: 2 500 pcs/reel
• Pb-Free product
• Safety standards
• UL :UL 1577, Single protection
• VDE :DIN EN IEC 60747-5-5 (Option)




Similar Part No. - PS9122-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9122-V RENESAS-PS9122-V Datasheet
318Kb / 20P
1 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9122-V CEL-PS9122-V Datasheet
297Kb / 18P
The PS9122 is an optical coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
logo
Renesas Technology Corp
PS9122-V RENESAS-PS9122-V Datasheet
310Kb / 20P
1 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5)
PS9122-V RENESAS-PS9122-V Datasheet
265Kb / 18P
1 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5), HIGH-SPEED PHOTOCOUPLER
Dec 2, 2021
logo
California Eastern Labs
PS9122-V-AX CEL-PS9122-V-AX Datasheet
297Kb / 18P
The PS9122 is an optical coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
More results


Similar Description - PS9122-V

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9117A CEL-PS9117A Datasheet
404Kb / 11P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
logo
NEC
PS9117A NEC-PS9117A Datasheet
162Kb / 14P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9122 RENESAS-PS9122 Datasheet
318Kb / 20P
1 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9121-A CEL-PS9121-A Datasheet
287Kb / 15P
HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
PS9117 CEL-PS9117 Datasheet
412Kb / 13P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9124 CEL-PS9124 Datasheet
988Kb / 17P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9122 RENESAS-PS9122_15 Datasheet
310Kb / 20P
1 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5)
PS9124_15 RENESAS-PS9124_15_15 Datasheet
450Kb / 17P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9113 RENESAS-PS9113_15 Datasheet
284Kb / 18P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9113 RENESAS-PS9113_16 Datasheet
373Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com