Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LO-P47K Datasheet (PDF) - ams-OSRAM AG

LO-P47K Datasheet PDF - ams-OSRAM AG
Part # LO-P47K
Download  LO-P47K Download
File Size   1907.18 Kbytes
Page   23 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description PointLED®

LO-P47K Datasheet (PDF)

Go To PDF Page Download Datasheet
LO-P47K Datasheet PDF - ams-OSRAM AG

Part # LO-P47K
Download  LO-P47K Click to download

File Size   1907.18 Kbytes
Page   23 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description PointLED®

LO-P47K Datasheet (HTML) - ams-OSRAM AG


LO-P47K Product details

Applications
- Access Control & Security
- Appliances & Tools
- Display Backlighting
- Factory Automation
- Home & Building Automation
- Material Processing
- Projection & Display
- Robotics
Features
- Package: white SMT package, colorless clear resin
- Chip technology: Volume emitter (InGaAlP )
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 606 nm (● orange)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)





Similar Part No. - LO-P47K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LO-P47K OSRAM-LO-P47K Datasheet
604Kb / 21P
white SMT package, colorless clear resin
More results


Similar Description - LO-P47K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOP476 OSRAM-LOP476 Datasheet
586Kb / 17P
Hyper PointLED Hyper-Bright LED
LR-P47F-U2AB-1 OSRAM-LR-P47F-U2AB-1 Datasheet
564Kb / 22P
PointLED
LS-P47K-J1K2-1-Z OSRAM-LS-P47K-J1K2-1-Z Datasheet
517Kb / 20P
PointLED
LSP47F OSRAM-LSP47F_13 Datasheet
522Kb / 21P
PointLED
LSP47K OSRAM-LSP47K_14 Datasheet
517Kb / 20P
PointLED
LTP4SG OSRAM-LTP4SG Datasheet
597Kb / 22P
PointLED
LOP47F OSRAM-LOP47F Datasheet
525Kb / 22P
PointLED
logo
Advantech Co., Ltd.
SKY-TESL-A40-48P ADVANTECH-SKY-TESL-A40-48P Datasheet
202Kb / 1P
NVIDIA® Tesla® A40
19-Sep-2022
SKY-TESL-H100 ADVANTECH-SKY-TESL-H100 Datasheet
157Kb / 1P
NVIDIA® Tesla® H100
26-Oct-2022
logo
AAEON Technology
VPC-3350S AAEON-VPC-3350S Datasheet
576Kb / 2P
Multi-PoE & Fanless Appliance with Intel® Pentium®/ Celeron®/ Atom® Processor
2023/04/28
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com