Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0822145 Datasheet (PDF) - KNIPEX

0822145 Datasheet PDF - KNIPEX
Part # 0822145
Download  0822145 Download
File Size   155.9 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Needle-Nose Combination Pliers

0822145 Datasheet (PDF)

Go To PDF Page Download Datasheet
0822145 Datasheet PDF - KNIPEX

Part # 0822145
Download  0822145 Click to download

File Size   155.9 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Needle-Nose Combination Pliers

0822145 Datasheet (HTML) - KNIPEX


0822145 Product details

General
Article No. 08 22 145
EAN 4003773078968
Pliers black atramentized
Head polished
Handles with multi-component grips
Weight 145 g
Dimensions 145 x 58 x 18 mm
Standard DIN ISO 5746
Reach no
RohS no




Similar Part No. - 0822145

ManufacturerPart #DatasheetDescription
logo
KNIPEX
0822145T KNIPEX-0822145T Datasheet
179Kb / 2P
Needle-Nose Combination Pliers
05.07.2021
More results


Similar Description - 0822145

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
AS-QTHA-0109-BR RALSTON-AS-QTHA-0109-BR Datasheet
299Kb / 1P
Needle valve assembly, brass
AS-QTHA-0109-SS RALSTON-AS-QTHA-0109-SS Datasheet
287Kb / 1P
Needle valve assembly, stainless steel
logo
Pomona Electronics
4988 POMONA-4988 Datasheet
19Kb / 1P
Needle Tip, Replacement
logo
List of Unclassifed Man...
D00634 ETC2-D00634 Datasheet
33Kb / 1P
VDE Snipe Nose Pliers
26703 ETC2-26703 Datasheet
394Kb / 5P
Combination pliers Basic
logo
Roithner LaserTechnik G...
FIELDMATE ROITHNER-FIELDMATE Datasheet
472Kb / 2P
analog needle for tuning
logo
PHOENIX CONTACT
MICROFOX-R PHOENIX-MICROFOX-R Datasheet
49Kb / 2P
Electronic round-nose pliers, smooth grip, with opening spring
UNIFOX-PC-VDE PHOENIX-UNIFOX-PC-VDE Datasheet
47Kb / 3P
Needle-nose pliers with blade, angled 45째, notched grip area, VDE 1000 V AC/1500 V DC tested
UNIFOX-P-VDE PHOENIX-UNIFOX-P-VDE Datasheet
50Kb / 2P
Needle-nose pliers with blade, notched grip area, VDE 1000 V AC/1500 V DC tested
UNIFOX-R-VDE PHOENIX-UNIFOX-R-VDE Datasheet
48Kb / 3P
Round-nose pliers, finely notched grip area, VDE 1000 V AC/1500 V DC tested
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com