Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1112160 Datasheet (PDF) - KNIPEX

1112160 Datasheet PDF - KNIPEX
Part # 1112160
Download  1112160 Download
File Size   95.99 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Insulation Stripper Universal

1112160 Datasheet (PDF)

Go To PDF Page Download Datasheet
1112160 Datasheet PDF - KNIPEX

Part # 1112160
Download  1112160 Click to download

File Size   95.99 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Insulation Stripper Universal

1112160 Datasheet (HTML) - KNIPEX


1112160 Product details

General
Article No. 11 12 160
EAN 4003773034964
Pliers black atramentized
Head polished
Handles with multi-component grips
Weight 156 g
Dimensions 160 x 57 x 19 mm
Reach no
RohS no




Similar Part No. - 1112160

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1112160 MACOM-1112160 Datasheet
5Mb / 85P
tyco electronics contents
logo
Weidmuller
1112160000 WEIDMULLER-1112160000 Datasheet
2Mb / 58P
Mini Coupler / Mini Conditioner
More results


Similar Description - 1112160

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63817-0000 MOLEX-63817-0000 Datasheet
120Kb / 1P
Manual Wire Stripper
logo
List of Unclassifed Man...
PA3240 ETC2-PA3240 Datasheet
44Kb / 2P
CST vario Stripper
logo
Molex Electronics Ltd.
0638170000 MOLEX11-0638170000 Datasheet
40Kb / 1P
Manual Wire Stripper
logo
Hubbell Incorporated.
TCS3 HUBBELL-TCS3 Datasheet
231Kb / 1P
Communications Cable Stripper/Cutter
logo
Molex Electronics Ltd.
63817-1300 MOLEX-63817-1300 Datasheet
425Kb / 2P
Micro Precision Wire Stripper
09-19-17
ATS-638170000 MOLEX-ATS-638170000 Datasheet
383Kb / 3P
Manual Wire Stripper Tool
10-29-10
ATS-638170400 MOLEX-ATS-638170400 Datasheet
301Kb / 3P
Precision Stripper Tool
10-14-09
logo
Pepperl+Fuchs Inc.
VAZ-FK-S-STRIPPER PF-VAZ-FK-S-STRIPPER Datasheet
99Kb / 1P
Cable stripper
2007-11-07
UPR-I PF-UPR-I Datasheet
670Kb / 2P
Insulation spacer for universal power rail
2021-06-10
logo
Molex Electronics Ltd.
63817-1200 MOLEX-63817-1200 Datasheet
452Kb / 3P
Manual Wire Stripper Tool
03-06-18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com