Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1182130 Datasheet (PDF) - KNIPEX

1182130 Datasheet PDF - KNIPEX
Part # 1182130
Download  1182130 Download
File Size   133.57 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Electronics Wire Stripping Shears

1182130 Datasheet (PDF)

Go To PDF Page Download Datasheet
1182130 Datasheet PDF - KNIPEX

Part # 1182130
Download  1182130 Click to download

File Size   133.57 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Electronics Wire Stripping Shears

1182130 Datasheet (HTML) - KNIPEX


1182130 Product details

General
Article No. 11 82 130
EAN 4003773071648
Head polished
Handles with multi-component grips
Weight 85 g
Dimensions 140 x 76 x 18 mm
Reach yes
RohS no




Similar Part No. - 1182130

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
11821.0-00 STEGO-11821.0-00 Datasheet
332Kb / 1P
OUTDOOR FILTER FAN
28.04.2016
logo
PHOENIX CONTACT
1182117 PHOENIX-1182117 Datasheet
263Kb / 7P
CASE PTFIX L-BOXX MINI DE - System package
1182185 PHOENIX-1182185 Datasheet
347Kb / 9P
I/O module - AXL SE INC1 ASYM
12/24/2021
1182190 PHOENIX-1182190 Datasheet
412Kb / 8P
I/O module - AXL SE RTD4 PT1000
12/24/2021
More results


Similar Description - 1182130

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60W110-C03 ROSENBERGER-60W110-C03 Datasheet
48Kb / 1P
STRIPPING TOOL
60W107-C05 ROSENBERGER-60W107-C05 Datasheet
431Kb / 1P
STRIPPING TOOL
60W110-C06 ROSENBERGER-60W110-C06 Datasheet
29Kb / 1P
STRIPPING TOOL
60W110-C08 ROSENBERGER-60W110-C08 Datasheet
50Kb / 1P
STRIPPING TOOL
logo
PHOENIX CONTACT
WIREFOX-D-28 PHOENIX-WIREFOX-D-28 Datasheet
51Kb / 3P
Stripping tool, for stripping lines of 횠 8 - 28 mm
1657407 PHOENIX-1657407 Datasheet
48Kb / 2P
Stripping tool, for the multi-level stripping of shielded cables
1204481 PHOENIX-1204481 Datasheet
50Kb / 2P
Stripping tool - CYCLOPS
1212368 PHOENIX-1212368 Datasheet
55Kb / 3P
Stripping tool - WIREFOX 2,5
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
logo
Molex Electronics Ltd.
63817-1800 MOLEX-63817-1800 Datasheet
1Mb / 19P
Pneumatic Stripping Machine
7-26-19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com