Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

121213 Datasheet (PDF) - KNIPEX

121213 Datasheet PDF - KNIPEX
Part # 121213
Download  121213 Download
File Size   159.2 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Precision Insulation Stripper With adapted blades

121213 Datasheet (PDF)

Go To PDF Page Download Datasheet
121213 Datasheet PDF - KNIPEX

Part # 121213
Download  121213 Click to download

File Size   159.2 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Precision Insulation Stripper With adapted blades

121213 Datasheet (HTML) - KNIPEX


121213 Product details

General
Article No. 12 12 13
EAN 4003773077534
Pliers burnished
Handles with multi-component grips
Weight 450 g
Dimensions 195 x 107 x 33 mm
Reach yes
RohS no




Similar Part No. - 121213

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212132 PHOENIX-1212132 Datasheet
48Kb / 2P
Cable-cutting tool - CUTFOX 45
1212133 PHOENIX-1212133 Datasheet
48Kb / 2P
Cable-cutting tool - CUTFOX 52
1212134 PHOENIX-1212134 Datasheet
48Kb / 2P
Cable-cutting tool - CUTFOX 62
1212135 PHOENIX-1212135 Datasheet
48Kb / 2P
Cable-cutting tool - CUTFOX 100
More results


Similar Description - 121213

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638019271 MOLEX11-0638019271 Datasheet
34Kb / 1P
Replacement Blades for Bench Top Pneumatic Wire Stripper
0638019272 MOLEX11-0638019272 Datasheet
34Kb / 1P
Replacement Blades for Bench Top Pneumatic Wire Stripper
logo
Lanner All Rights Reser...
HTCA-6400 LANNER-HTCA-6400 Datasheet
698Kb / 2P
High Availability Chassis 4U Telecom Network Appliance with 4 x86 CPU Blades and 2x Switch blades for redundancy, Storage blades with 10x NVMe SSD or Network blades
logo
Molex Electronics Ltd.
63817-1300 MOLEX-63817-1300 Datasheet
425Kb / 2P
Micro Precision Wire Stripper
09-19-17
ATS-638170400 MOLEX-ATS-638170400 Datasheet
301Kb / 3P
Precision Stripper Tool
10-14-09
ATS-638170800 MOLEX-ATS-638170800 Datasheet
425Kb / 2P
Micro Precision Wire Stripper
09-19-17
ATS-638171400 MOLEX-ATS-638171400 Datasheet
425Kb / 2P
Micro Precision Wire Stripper
09-19-17
0638019272 MOLEX-0638019272 Datasheet
34Kb / 1P
Replacement Blades for Bench Top Pneumatic Wire Stripper
10/03/2017
logo
Pepperl+Fuchs Inc.
VAZ-FK-S-STRIPPER PF-VAZ-FK-S-STRIPPER Datasheet
99Kb / 1P
Cable stripper
2007-11-07
logo
Molex Electronics Ltd.
0638170400 MOLEX-0638170400 Datasheet
35Kb / 1P
Precision Stripper Tool suitable for cable diameters up to 11.00mm
08/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com