Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP-A67K Datasheet (PDF) - ams-OSRAM AG

LP-A67K Datasheet PDF - ams-OSRAM AG
Part # LP-A67K
Download  LP-A67K Download
File Size   469.38 Kbytes
Page   19 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description SIDELED

LP-A67K Datasheet (PDF)

Go To PDF Page Download Datasheet
LP-A67K Datasheet PDF - ams-OSRAM AG

Part # LP-A67K
Download  LP-A67K Click to download

File Size   469.38 Kbytes
Page   19 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description SIDELED

LP-A67K Datasheet (HTML) - ams-OSRAM AG


LP-A67K Product details

Features:
• Package: white SMT package, colorless clear
resin
• Technology: InGaAlP
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Color: pure green (560 nm)
• Corrosion Robustness: Improved corrosion
robustness
Applications
• Optical Indicator
• Coupling into light guides
• Backlighting
• Automotive Interior Lighting
• Dashboard Backlighting
• Signal and Symbol Luminary




Similar Part No. - LP-A67K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LP-A67K OSRAM-LP-A67K Datasheet
469Kb / 19P
white SMT package, colorless clear resin
More results


Similar Description - LP-A67K

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSA670 SIEMENS-LSA670 Datasheet
61Kb / 8P
SIDELED
logo
OSRAM GmbH
LG-A67K-H2K1-24-Z OSRAM-LG-A67K-H2K1-24-Z Datasheet
469Kb / 19P
SIDELED
LS-A676-P2S1-1-Z OSRAM-LS-A676-P2S1-1-Z Datasheet
448Kb / 19P
SIDELED
LT-A67C-S2U1-35-Z OSRAM-LT-A67C-S2U1-35-Z Datasheet
446Kb / 19P
SIDELED
LY-A67K-K2M1-26-Z OSRAM-LY-A67K-K2M1-26-Z Datasheet
472Kb / 19P
SIDELED
LTA673 OSRAM-LTA673 Datasheet
588Kb / 21P
SIDELED
LTA67C OSRAM-LTA67C Datasheet
582Kb / 21P
SIDELED
LAA67F OSRAM-LAA67F Datasheet
494Kb / 21P
SIDELED
SFH-325 OSRAM-SFH-325 Datasheet
401Kb / 15P
SIDELED
SFH-325-FA OSRAM-SFH-325-FA Datasheet
396Kb / 14P
SIDELED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com