Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPT-80-A Datasheet (PDF) - ams-OSRAM AG

LPT-80-A Datasheet PDF - ams-OSRAM AG
Part # LPT-80-A
Download  LPT-80-A Download
File Size   1112.95 Kbytes
Page   15 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Radial Sidelooker

LPT-80-A Datasheet (PDF)

Go To PDF Page Download Datasheet
LPT-80-A Datasheet PDF - ams-OSRAM AG

Part # LPT-80-A
Download  LPT-80-A Click to download

File Size   1112.95 Kbytes
Page   15 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Radial Sidelooker

LPT-80-A Datasheet (HTML) - ams-OSRAM AG


LPT-80-A Product details

Applications
- Access Control & Security - Appliances & Tools
Features
- Package: clear epoxy
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Spectral range of sensitivity: (typ) 450 ... 1100 nm
- High photosensitivity
- Same package as IR emitter IRL 81 A





Similar Part No. - LPT-80-A

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LPT-80-A OSRAM-LPT-80-A Datasheet
204Kb / 9P
Sidelooker, Epoxy
More results


Similar Description - LPT-80-A

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
QSE973 QT-QSE973 Datasheet
137Kb / 2P
SIDELOOKER PIN PHOTODIODE
logo
Fairchild Semiconductor
QSE973 FAIRCHILD-QSE973 Datasheet
38Kb / 4P
SIDELOOKER PIN PHOTODIODE
logo
List of Unclassifed Man...
SFH4110 ETC-SFH4110 Datasheet
78Kb / 5P
GaAs Infrared Emitter (Mini Sidelooker)
logo
Fairchild Semiconductor
H23A1 FAIRCHILD-H23A1 Datasheet
307Kb / 5P
PLASTIC SIDELOOKER PAIR
logo
OSRAM GmbH
SFH4110 OSRAM-SFH4110 Datasheet
143Kb / 8P
GaAs-IR-Lumineszenzdiode (Mini Sidelooker)
SFH4640EN OSRAM-SFH4640EN Datasheet
481Kb / 13P
Also available as Sidelooker
SFH-4141 OSRAM-SFH-4141 Datasheet
225Kb / 9P
Infrared Emitter (940 nm) in Mini Sidelooker Package
LPT-80-A OSRAM-LPT-80-A Datasheet
204Kb / 9P
Sidelooker, Epoxy
logo
Everlight Electronics C...
EAILP04RRAA0 EVERLIGHT-EAILP04RRAA0 Datasheet
508Kb / 9P
Sidelooker Infrared LED
EAILP04RRKA0 EVERLIGHT-EAILP04RRKA0 Datasheet
407Kb / 7P
Sidelooker Infrared LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com