Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC21205A6WR1-BNMLW Datasheet (PDF) - Midas Components

MC21205A6WR1-BNMLW Datasheet PDF - Midas Components
Part # MC21205A6WR1-BNMLW
Download  MC21205A6WR1-BNMLW Download
File Size   989.79 Kbytes
Page   17 Pages
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components
Description 5mm Character Height LCD Module

MC21205A6WR1-BNMLW Datasheet (PDF)

Go To PDF Page Download Datasheet
MC21205A6WR1-BNMLW Datasheet PDF - Midas Components

Part # MC21205A6WR1-BNMLW
Download  MC21205A6WR1-BNMLW Click to download

File Size   989.79 Kbytes
Page   17 Pages
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components
Description 5mm Character Height LCD Module

MC21205A6WR1-BNMLW Datasheet (HTML) - Midas Components


MC21205A6WR1-BNMLW Product details

Display Features
Character Count 2 x 12
Appearance White on Blue
Logic Voltage 5V
Interface Parallel
Font Set Cyrillic
Display Mode Transmissive
Character Height 5.50mm
LC Type STN Blue
Module Size 55.70 x 32.00 x 14.50mm
Operating Temperature -20°C ~ +70°C
Construction COB
LED Backlight White




Similar Part No. - MC21205A6WR1-BNMLW

ManufacturerPart #DatasheetDescription
logo
Midas Components
MC21205A6W1-SPTLY MIDASDISPLAYS-MC21205A6W1-SPTLY Datasheet
996Kb / 16P
5mm Character Height LCD Module
Version: 4 25/02/2016
MC21205A6WK1-SPTLY MIDASDISPLAYS-MC21205A6WK1-SPTLY Datasheet
921Kb / 16P
5mm Character Height LCD Module
Version: 4 25/02/2016
More results


Similar Description - MC21205A6WR1-BNMLW

ManufacturerPart #DatasheetDescription
logo
Crystalfontz America, I...
CFAH0802A-TTI-JT CRYSTAIFONTZ-CFAH0802A-TTI-JT Datasheet
837Kb / 12P
CHARACTER LCD MODULE
CFAH0802D-NYG-JT CRYSTAIFONTZ-CFAH0802D-NYG-JT Datasheet
509Kb / 11P
CHARACTER LCD MODULE
CFAH1202A-YYH-JT CRYSTAIFONTZ-CFAH1202A-YYH-JT Datasheet
858Kb / 11P
CHARACTER LCD MODULE
CFAH1601B-TMI-ET CRYSTAIFONTZ-CFAH1601B-TMI-ET Datasheet
617Kb / 12P
CHARACTER LCD MODULE
CFAH1601B-YYH-ET CRYSTAIFONTZ-CFAH1601B-YYH-ET Datasheet
850Kb / 12P
CHARACTER LCD MODULE
CFAH1602B-YTI-JT CRYSTAIFONTZ-CFAH1602B-YTI-JT Datasheet
838Kb / 12P
CHARACTER LCD MODULE
CFAH1602B-YYH-JT CRYSTAIFONTZ-CFAH1602B-YYH-JT Datasheet
820Kb / 11P
CHARACTER LCD MODULE
CFAH2004A-YTI-JT CRYSTAIFONTZ-CFAH2004A-YTI-JT Datasheet
852Kb / 12P
CHARACTER LCD MODULE
CFAH2004B-TFH-ET CRYSTAIFONTZ-CFAH2004B-TFH-ET Datasheet
1,012Kb / 12P
CHARACTER LCD MODULE
CFAH4004A-YYH-JT CRYSTAIFONTZ-CFAH4004A-YYH-JT Datasheet
985Kb / 12P
CHARACTER LCD MODULE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com