Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1252195 Datasheet (PDF) - KNIPEX

1252195 Datasheet PDF - KNIPEX
Part # 1252195
Download  1252195 Download
File Size   422.76 Kbytes
Page   4 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description KNIPEX PreciStrip16 Automatic Insulation Stripper

1252195 Datasheet (PDF)

Go To PDF Page Download Datasheet
1252195 Datasheet PDF - KNIPEX

Part # 1252195
Download  1252195 Click to download

File Size   422.76 Kbytes
Page   4 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description KNIPEX PreciStrip16 Automatic Insulation Stripper

1252195 Datasheet (HTML) - KNIPEX


1252195 Product details

General
Article No. 12 52 195
EAN 4003773085829
Weight 180 g
Dimensions 190 x 120 x 28 mm
REACH compliant contains SVHC
RoHS compliant not applicable




Similar Part No. - 1252195

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1252190000 WEIDMULLER-1252190000 Datasheet
98Kb / 2P
TPSDHA KTB 130X50 S2 R
1252190000 WEIDMULLER-1252190000 Datasheet
105Kb / 2P
TPSD FIXING SET KTB
1252190000 WEIDMULLER-1252190000 Datasheet
328Kb / 7P
KLIPPON K11 EX RAL7001
1252190000 WEIDMULLER-1252190000 Datasheet
401Kb / 7P
KLIPPON K11 EX
1252190000 WEIDMULLER-1252190000 Datasheet
396Kb / 7P
KLIPPON K21 EX
More results


Similar Description - 1252195

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63817-0000 MOLEX-63817-0000 Datasheet
120Kb / 1P
Manual Wire Stripper
logo
ASM GmbH
3174 ASM-SENSOR-3174 Datasheet
1Mb / 4P
AC AUTOMATIC INSULATION/WITHSTANDING HiTESTER
logo
Molex Electronics Ltd.
0638170000 MOLEX11-0638170000 Datasheet
40Kb / 1P
Manual Wire Stripper
logo
ASM GmbH
3153 ASM-SENSOR-3153 Datasheet
1,008Kb / 8P
Automatic Insulation Voltage Withstand Testing
logo
Molex Electronics Ltd.
63817-1300 MOLEX-63817-1300 Datasheet
425Kb / 2P
Micro Precision Wire Stripper
09-19-17
ATS-638170000 MOLEX-ATS-638170000 Datasheet
383Kb / 3P
Manual Wire Stripper Tool
10-29-10
ATS-638170400 MOLEX-ATS-638170400 Datasheet
301Kb / 3P
Precision Stripper Tool
10-14-09
logo
Pepperl+Fuchs Inc.
VAZ-FK-S-STRIPPER PF-VAZ-FK-S-STRIPPER Datasheet
99Kb / 1P
Cable stripper
2007-11-07
logo
Molex Electronics Ltd.
63817-1200 MOLEX-63817-1200 Datasheet
452Kb / 3P
Manual Wire Stripper Tool
03-06-18
logo
Carl Kammerling Interna...
T1260 CARL-T1260 Datasheet
103Kb / 1P
Automatic Cable & Wire Stripper
27 Jun 2019 10:25AM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com