Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1342165 Datasheet (PDF) - KNIPEX

1342165 Datasheet PDF - KNIPEX
Part # 1342165
Download  1342165 Download
File Size   185.47 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Stripping Pliers

1342165 Datasheet (PDF)

Go To PDF Page Download Datasheet
1342165 Datasheet PDF - KNIPEX

Part # 1342165
Download  1342165 Click to download

File Size   185.47 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Stripping Pliers

1342165 Datasheet (HTML) - KNIPEX


1342165 Product details

General
Article No. 13 42 165
EAN 4003773079675
Pliers black atramentized
Head polished
Handles with multi-component grips
Weight 176 g
Dimensions 165 x 57 x 20 mm
Reach no
RohS no




Similar Part No. - 1342165

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
13421 TURCK-13421 Datasheet
482Kb / 3P
Inductive Sensor
11/07/2023
logo
PHOENIX CONTACT
1342191 PHOENIX-1342191 Datasheet
247Kb / 7P
M23-09P1N128002S - Cable connector
1342192 PHOENIX-1342192 Datasheet
349Kb / 12P
M23-09P1N128003S - Cable connector
1342193 PHOENIX-1342193 Datasheet
309Kb / 10P
M23-09P1N128004S - Cable connector
1342194 PHOENIX-1342194 Datasheet
247Kb / 7P
M23-09P1N1280DUS - Cable connector
More results


Similar Description - 1342165

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
Rosenberger Hochfrequen...
60W110-C03 ROSENBERGER-60W110-C03 Datasheet
48Kb / 1P
STRIPPING TOOL
60W107-C05 ROSENBERGER-60W107-C05 Datasheet
431Kb / 1P
STRIPPING TOOL
60W110-C06 ROSENBERGER-60W110-C06 Datasheet
29Kb / 1P
STRIPPING TOOL
logo
PHOENIX CONTACT
WIREFOX-10-VDE PHOENIX-WIREFOX-10-VDE Datasheet
49Kb / 2P
Stripping pliers, for stripping conductors with a cross section of up to 10 mm짼, VDE-tested
WIREFOX-10-VDE-DB PHOENIX-WIREFOX-10-VDE-DB Datasheet
53Kb / 2P
Stripping pliers, for stripping conductors with a cross section of up to 10 mm짼, VDE-tested, type of packaging: with holder for sales display (backcard)
2744131 PHOENIX-2744131 Datasheet
64Kb / 3P
Polymer fiber DIY case, consisting of: Stripping knife, stripping pliers, polishing wheels for F-SMA and SCRJ quick mounting connectors, polishing pad and emery paper
1204481 PHOENIX-1204481 Datasheet
50Kb / 2P
Stripping tool - CYCLOPS
1207637 PHOENIX-1207637 Datasheet
49Kb / 2P
Stripping pliers - QUICK WIREFOX 6 SC
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com