Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1382200T Datasheet (PDF) - KNIPEX

1382200T Datasheet PDF - KNIPEX
Part # 1382200T
Download  1382200T Download
File Size   224.04 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Pliers for Electrical Installation

1382200T Datasheet (PDF)

Go To PDF Page Download Datasheet
1382200T Datasheet PDF - KNIPEX

Part # 1382200T
Download  1382200T Click to download

File Size   224.04 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Pliers for Electrical Installation

1382200T Datasheet (HTML) - KNIPEX


1382200T Product details

General
Article No. 13 82 200 T
EAN 4003773079972
Pliers black atramentized
Head polished
Handles with multi-component grips, with integrated tether attachment point
for a tool tether
Weight 267 g
Dimensions 200 x 49 x 21 mm
Reach no
RohS no




Similar Part No. - 1382200T

ManufacturerPart #DatasheetDescription
logo
KNIPEX
1382200 KNIPEX-1382200 Datasheet
223Kb / 2P
Pliers for Electrical Installation
05.07.2021
More results


Similar Description - 1382200T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
Recom International Pow...
RELV4-16 RECOM-RELV4-16 Datasheet
311Kb / 3P
Suitable for DALI Installation
logo
PHOENIX CONTACT
CRIMPFOX-CX-5 PHOENIX-CRIMPFOX-CX-5 Datasheet
52Kb / 2P
Crimping pliers for processing coaxial connectors
CRIMPFOX-CX-7 PHOENIX-CRIMPFOX-CX-7 Datasheet
52Kb / 2P
Crimping pliers for processing coaxial connectors
CRIMPFOX-RCI-6-M PHOENIX-CRIMPFOX-RCI-6-M Datasheet
44Kb / 2P
Crimping pliers for cable lugs and connectors
SF-Z0029 PHOENIX-SF-Z0029 Datasheet
46Kb / 2P
Crimping pliers
2903110 PHOENIX-2903110 Datasheet
49Kb / 1P
SmartWire DT??pliers for device plugs
2903114 PHOENIX-2903114 Datasheet
48Kb / 1P
SmartWire DT??pliers for flat plug
logo
Adels-Contact
1697P5 ADELS-1697P5 Datasheet
122Kb / 2P
Lighting, Installation, Electrical Appliances
12/11/2019
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com