Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1386200 Datasheet (PDF) - KNIPEX

1386200 Datasheet PDF - KNIPEX
Part # 1386200
Download  1386200 Download
File Size   153.83 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Pliers for Electrical Installation

1386200 Datasheet (PDF)

Go To PDF Page Download Datasheet
1386200 Datasheet PDF - KNIPEX

Part # 1386200
Download  1386200 Click to download

File Size   153.83 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Pliers for Electrical Installation

1386200 Datasheet (HTML) - KNIPEX


1386200 Product details

General
Article No. 13 86 200
EAN 4003773075097
Pliers chrome-plated
Head chrome-plated
Handles insulated with multi-component grips, VDE-tested
Weight 280 g
Dimensions 200 x 85 x 20 mm
Standard DIN EN 60900 IEC 60900
Reach no
RohS no




Similar Part No. - 1386200

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1386250000 WEIDMULLER-1386250000 Datasheet
1Mb / 9P
OMNIMATE Power - series LXXX LXXX 15.00/05/90 4.5SN BK BX
September 9, 2020 10:57:22 AM
1386290000 WEIDMULLER-1386290000 Datasheet
1Mb / 6P
OMNIMATE Power - series LXXX LXXX 15.00/05/90F 4.5SN BK BX
July 2, 2018 10:45:47 AM
More results


Similar Description - 1386200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
Recom International Pow...
RELV4-16 RECOM-RELV4-16 Datasheet
311Kb / 3P
Suitable for DALI Installation
logo
PHOENIX CONTACT
CRIMPFOX-CX-5 PHOENIX-CRIMPFOX-CX-5 Datasheet
52Kb / 2P
Crimping pliers for processing coaxial connectors
CRIMPFOX-CX-7 PHOENIX-CRIMPFOX-CX-7 Datasheet
52Kb / 2P
Crimping pliers for processing coaxial connectors
CRIMPFOX-RCI-6-M PHOENIX-CRIMPFOX-RCI-6-M Datasheet
44Kb / 2P
Crimping pliers for cable lugs and connectors
SF-Z0029 PHOENIX-SF-Z0029 Datasheet
46Kb / 2P
Crimping pliers
2903110 PHOENIX-2903110 Datasheet
49Kb / 1P
SmartWire DT??pliers for device plugs
2903114 PHOENIX-2903114 Datasheet
48Kb / 1P
SmartWire DT??pliers for flat plug
logo
Adels-Contact
1697P5 ADELS-1697P5 Datasheet
122Kb / 2P
Lighting, Installation, Electrical Appliances
12/11/2019
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com