Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1422160 Datasheet (PDF) - KNIPEX

1422160 Datasheet PDF - KNIPEX
Part # 1422160
Download  1422160 Download
File Size   131.68 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Diagonal Insulation Stripper

1422160 Datasheet (PDF)

Go To PDF Page Download Datasheet
1422160 Datasheet PDF - KNIPEX

Part # 1422160
Download  1422160 Click to download

File Size   131.68 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Diagonal Insulation Stripper

1422160 Datasheet (HTML) - KNIPEX


1422160 Product details

General
Article No. 14 22 160
EAN 4003773034988
Pliers black atramentized
Head polished
Handles with multi-component grips
Weight 206 g
Dimensions 160 x 53 x 21 mm
Reach no
RohS no




Similar Part No. - 1422160

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1422108 PHOENIX-1422108 Datasheet
56Kb / 3P
RJ45 plug connector - VS-PPC-C1-RJ45-MNNA-8I10G
1422111 PHOENIX-1422111 Datasheet
227Kb / 7P
NBC-2X2X26-OE-OE-93E-100,0 SH - Cable reel
1422112 PHOENIX-1422112 Datasheet
227Kb / 7P
NBC-2X2X26-OE-OE-93E-300,0 SH - Cable reel
1422113 PHOENIX-1422113 Datasheet
225Kb / 6P
NBC-4X2X26-OE-OE-94B-100,0 SH - Cable reel
1422114 PHOENIX-1422114 Datasheet
225Kb / 6P
NBC-4X2X26-OE-OE-94B-300,0 SH - Cable reel
More results


Similar Description - 1422160

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63817-0000 MOLEX-63817-0000 Datasheet
120Kb / 1P
Manual Wire Stripper
logo
List of Unclassifed Man...
PA3240 ETC2-PA3240 Datasheet
44Kb / 2P
CST vario Stripper
logo
Molex Electronics Ltd.
0638170000 MOLEX11-0638170000 Datasheet
40Kb / 1P
Manual Wire Stripper
logo
Hubbell Incorporated.
TCS3 HUBBELL-TCS3 Datasheet
231Kb / 1P
Communications Cable Stripper/Cutter
logo
Molex Electronics Ltd.
63817-1300 MOLEX-63817-1300 Datasheet
425Kb / 2P
Micro Precision Wire Stripper
09-19-17
ATS-638170000 MOLEX-ATS-638170000 Datasheet
383Kb / 3P
Manual Wire Stripper Tool
10-29-10
ATS-638170400 MOLEX-ATS-638170400 Datasheet
301Kb / 3P
Precision Stripper Tool
10-14-09
ATS-638171400 MOLEX-ATS-638171400 Datasheet
425Kb / 2P
Micro Precision Wire Stripper
09-19-17
logo
Pepperl+Fuchs Inc.
VAZ-FK-S-STRIPPER PF-VAZ-FK-S-STRIPPER Datasheet
99Kb / 1P
Cable stripper
2007-11-07
logo
Molex Electronics Ltd.
63817-1200 MOLEX-63817-1200 Datasheet
452Kb / 3P
Manual Wire Stripper Tool
03-06-18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com