Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1519005 Datasheet (PDF) - KNIPEX

1519005 Datasheet PDF - KNIPEX
Part # 1519005
Download  1519005 Download
File Size   100.72 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description 1 pair of spare blades for 15 11 120 Ø 0.5 mm

1519005 Datasheet (PDF)

Go To PDF Page Download Datasheet
1519005 Datasheet PDF - KNIPEX

Part # 1519005
Download  1519005 Click to download

File Size   100.72 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description 1 pair of spare blades for 15 11 120 Ø 0.5 mm

1519005 Datasheet (HTML) - KNIPEX


1519005 Product details

General
Article No. 15 19 005
EAN 4003773021551
Material tweezers body: spring steel, oil-hardenedhandle shells: plastic
Weight 4 g
Dimensions 10 x 5 mm
Reach no
RohS no




Similar Part No. - 1519005

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1519000000 WEIDMULLER-1519000000 Datasheet
416Kb / 5P
SL-SMT 3.50/08/180G 1.5AU BK RL
logo
KNIPEX
1519006 KNIPEX-1519006 Datasheet
100Kb / 1P
1 pair of spare blades for 15 11 120 Ø 0,6 mm
05.07.2021
1519008 KNIPEX-1519008 Datasheet
98Kb / 1P
1 pair of spare blades for 15 11 120 Ø 0,8 mm
05.07.2021
More results


Similar Description - 1519005

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CRIMPFOX-RCI-6-1 PHOENIX-CRIMPFOX-RCI-6-1 Datasheet
50Kb / 2P
Spare die for CRIMPFOX-RCI 6-1
WIREFOX-D-11 PHOENIX-WIREFOX-D-11 Datasheet
45Kb / 2P
Spare knife for WIREFOX-D 11
WIREFOX-D-CX-1 PHOENIX-WIREFOX-D-CX-1 Datasheet
47Kb / 2P
Spare knife for WIREFOX-D CX-1, strip-off dimension 6.0 mm
1205587 PHOENIX-1205587 Datasheet
49Kb / 2P
Spare knife - CF 3000 AM 0.5
1212312 PHOENIX-1212312 Datasheet
45Kb / 2P
Spare knife - WIREFOX-D 11/SB
logo
WECO ELECTRICAL CONNECT...
931-SLR-THR WECO-931-SLR-THR Datasheet
88Kb / 1P
Pin strip for THR Soldering area ø 1 mm; plug-in area ø 1,3 mm
11.17
931-SLS WECO-931-SLS Datasheet
69Kb / 1P
Pin strip Soldering area ø 1 mm; plug-in area ø 1,3 mm
04.18
971-SLR-THR WECO-971-SLR-THR Datasheet
86Kb / 1P
Pin strip for THR Soldering area ø 1 mm; plug-in area ø 1,3 mm
11.17
971-SLR WECO-971-SLR Datasheet
70Kb / 1P
Pin strip Soldering area ø 1 mm; plug-in area ø 1,3 mm
07.19
971-SLS WECO-971-SLS Datasheet
52Kb / 1P
Pin strip Soldering area ø 1 mm; plug-in area ø 1,3 mm, with support
07.19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com