Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1660100SB Datasheet (PDF) - KNIPEX

1660100SB Datasheet PDF - KNIPEX
Part # 1660100SB
Download  1660100SB Download
File Size   124.02 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Stripping Tool for coax cable Universal

1660100SB Datasheet (PDF)

Go To PDF Page Download Datasheet
1660100SB Datasheet PDF - KNIPEX

Part # 1660100SB
Download  1660100SB Click to download

File Size   124.02 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Stripping Tool for coax cable Universal

1660100SB Datasheet (HTML) - KNIPEX


1660100SB Product details

General
Article No. 16 60 100 SB
EAN 4003773040811
Weight 22 g
Dimensions 100 x 84 x 18 mm
Reach no
RohS no




Similar Part No. - 1660100SB

ManufacturerPart #DatasheetDescription
logo
Evolt
16601 EKTOR-16601 Datasheet
444Kb / 3P
NAUTILUS
31st of January 2025 20:33:42
logo
PHOENIX CONTACT
1660135 PHOENIX-1660135 Datasheet
82Kb / 3P
HC-D 25-SD-FL/FS
1660148 PHOENIX-1660148 Datasheet
83Kb / 3P
HC-B 24-SD-FL/FS
1660151 PHOENIX-1660151 Datasheet
81Kb / 3P
HC-B 16-SD-FL/FS
1660164 PHOENIX-1660164 Datasheet
84Kb / 3P
HC-D 15-SD-FL/FS
More results


Similar Description - 1660100SB

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60W110-C03 ROSENBERGER-60W110-C03 Datasheet
48Kb / 1P
STRIPPING TOOL
60W107-C05 ROSENBERGER-60W107-C05 Datasheet
431Kb / 1P
STRIPPING TOOL
60W110-C06 ROSENBERGER-60W110-C06 Datasheet
29Kb / 1P
STRIPPING TOOL
60W110-C08 ROSENBERGER-60W110-C08 Datasheet
50Kb / 1P
STRIPPING TOOL
logo
PHOENIX CONTACT
WIREFOX-D-28 PHOENIX-WIREFOX-D-28 Datasheet
51Kb / 3P
Stripping tool, for stripping lines of 횠 8 - 28 mm
1657407 PHOENIX-1657407 Datasheet
48Kb / 2P
Stripping tool, for the multi-level stripping of shielded cables
1204481 PHOENIX-1204481 Datasheet
50Kb / 2P
Stripping tool - CYCLOPS
logo
Molex Electronics Ltd.
ATS-638170300 MOLEX-ATS-638170300 Datasheet
384Kb / 3P
Heavy Duty Cable Stripping Tool
01-24-12
0735752052 MOLEX-0735752052 Datasheet
26Kb / 1P
Stripping Tool for 1/2F Cable, Flared Tool
08/25/2022
logo
Lapp.
21920005 LAPP-21920005 Datasheet
138Kb / 2P
UNIVERSAL STRIP STRIPPING TOOL
09.11.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com