Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1690130SB Datasheet (PDF) - KNIPEX

1690130SB Datasheet PDF - KNIPEX
Part # 1690130SB
Download  1690130SB Download
File Size   134.59 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Universal Stripping Tool for building and industrial cables

1690130SB Datasheet (PDF)

Go To PDF Page Download Datasheet
1690130SB Datasheet PDF - KNIPEX

Part # 1690130SB
Download  1690130SB Click to download

File Size   134.59 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Universal Stripping Tool for building and industrial cables

1690130SB Datasheet (HTML) - KNIPEX


1690130SB Product details

General
Article No. 16 90 130 SB
EAN 4003773076940
Weight 47 g
Dimensions 130 x 88 x 32 mm
Reach no
RohS no




Similar Part No. - 1690130SB

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1690105 PHOENIX-1690105 Datasheet
104Kb / 4P
HC-B 10-TMS-100/O1STM32G-EMV
1690121 PHOENIX-1690121 Datasheet
109Kb / 4P
HC-B 10-TMS-100/O1STM32G-STA
1690150 PHOENIX-1690150 Datasheet
108Kb / 4P
HC-B 10-TMS-100/O1STM32S-EUA
1690163 PHOENIX-1690163 Datasheet
70Kb / 5P
Housing - HC-B 10-TMS-100/O1STM32S-STA
1690189 PHOENIX-1690189 Datasheet
65Kb / 5P
EMC housing - HC-B 16-TMS-100/O1STM32G-EMV
More results


Similar Description - 1690130SB

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60W110-C03 ROSENBERGER-60W110-C03 Datasheet
48Kb / 1P
STRIPPING TOOL
60W107-C05 ROSENBERGER-60W107-C05 Datasheet
431Kb / 1P
STRIPPING TOOL
60W110-C06 ROSENBERGER-60W110-C06 Datasheet
29Kb / 1P
STRIPPING TOOL
logo
PHOENIX CONTACT
CYCLOPS PHOENIX-CYCLOPS Datasheet
50Kb / 2P
Stripping tool, for conductors and cables of 0 to 11 mm diameter
QUICK-WIREFOX-16 PHOENIX-QUICK-WIREFOX-16 Datasheet
82Kb / 3P
Stripping tool, for conductors and cables of 6.0 to 16.0 mm diameter
WIREFOX-2 PHOENIX-WIREFOX-2 Datasheet
55Kb / 3P
Stripping tool, for conductors and cables of 0.08 to 2.5 mm diameter
1212507 PHOENIX-1212507 Datasheet
47Kb / 2P
Stripping tool, for 2.5 - 6 mm짼 solar cables, 8.5 mm stripping length, for MC3, MC4 and SOLARLOK contacts
1657407 PHOENIX-1657407 Datasheet
48Kb / 2P
Stripping tool, for the multi-level stripping of shielded cables
logo
Weidmuller
9005610000 WEIDMULLER-9005610000 Datasheet
114Kb / 4P
Tools, Stripping and cutting tool
September 28, 2021
logo
Lapp.
21920005 LAPP-21920005 Datasheet
138Kb / 2P
UNIVERSAL STRIP STRIPPING TOOL
09.11.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com